Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC125 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74AC125
Szczegółowy opis  Quad Buffer with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC125 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74AC125 Datasheet HTML 1Page - Fairchild Semiconductor 74AC125 Datasheet HTML 2Page - Fairchild Semiconductor 74AC125 Datasheet HTML 3Page - Fairchild Semiconductor 74AC125 Datasheet HTML 4Page - Fairchild Semiconductor 74AC125 Datasheet HTML 5Page - Fairchild Semiconductor 74AC125 Datasheet HTML 6Page - Fairchild Semiconductor 74AC125 Datasheet HTML 7Page - Fairchild Semiconductor 74AC125 Datasheet HTML 8Page - Fairchild Semiconductor 74AC125 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC125, 74ACT125 Rev. 1.4.1
January 2008
74AC125, 74ACT125
Quad Buffer with 3-STATE Outputs
Features
ICC reduced by 50%
Outputs source/sink 24mA
ACT125 has TTL-compatible outputs
General Description
The AC/ACT125 contains four independent non-inverting
buffers with 3-STATE outputs.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Connection Diagram
Pin Description
Logic Symbol
IEEE/IEC
Function Table
H
= HIGH Voltage Level, L = LOW Voltage Level
Z
= HIGH Impedance, X = Immaterial
Order
Number
Package
Number
Package Description
74AC125SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74AC125SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC125MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC125PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT125SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ACT125SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT125MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT125PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs
Inputs
Output
An
Bn
On
LL
L
LH
H
HX
Z


Podobny numer części - 74AC125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC125 FAIRCHILD-74AC125 Datasheet
90Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
Hitachi Semiconductor
74AC125 HITACHI-74AC125 Datasheet
51Kb / 8P
   Quad Buffer/Line Driver with 3-State Output
logo
National Semiconductor ...
74AC125 NSC-74AC125 Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
logo
STMicroelectronics
74AC125 STMICROELECTRONICS-74AC125 Datasheet
170Kb / 9P
   QUAD BUS BUFFERS (3-STATE)
logo
ON Semiconductor
74AC125 ONSEMI-74AC125 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
More results

Podobny opis - 74AC125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com