Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS78M18ACZC0 Arkusz danych(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Numer części TS78M18ACZC0
Szczegółowy opis  3-Terminal 500mA Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78M18ACZC0 Arkusz danych(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS78M18ACZC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78M18ACZC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78M18ACZC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78M18ACZC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78M18ACZC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78M18ACZC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78M18ACZC0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78M18ACZC0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78M18ACZC0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TS78M00A Series
3-Terminal 500mA Positive Voltage Regulator
4/10
Version: A07
TS78M12A Electrical Characteristics
(Vin=19V, Iout=350mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
11.76
12
12.24
Output Voltage
Vout
14.5V≤Vin≤27V,
5mA≤Iout≤350mA
11.52
12
12.48
V
14.5V≤Vin≤30V
--
10
240
Line Regulation
REGline
Tj=25
oC
15V≤Vin≤19V
--
3
120
5mA≤Iout≤500mA
--
12
240
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤200mA
--
4
120
mV
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
3
6
14.5V≤Vin≤30V
--
--
0.8
Quiescent Current Change
ΔIq
5mA≤Iout≤500mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
75
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 15V≤Vin≤25V
55
80
--
dB
Voltage Drop
Vdrop
Iout=500mA, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
18
--
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=5mA, 0
oC≤Tj≤125oC
--
-0.3
--
mV/
oC
TS78M15A Electrical Characteristics
(Vin=23V, Iout=350mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
14.70
15
15.30
Output voltage
Vout
17.5V≤Vin≤30V,
5mA≤Iout≤350mA
14.40
15
15.60
V
17.5V≤Vin≤30V
--
12
300
Line Regulation
REGline
Tj=25
oC
18V≤Vin≤22V
--
3
150
5mA≤Iout≤500mA
--
12
300
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤200mA
--
4
150
mV
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
3
6
17.5V≤Vin≤30V
--
--
0.8
Quiescent Current Change
ΔIq
5mA≤Iout≤500mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
90
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 18V≤Vin≤28V
54
80
--
dB
Voltage Drop
Vdrop
Iout=500mA, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
19
--
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-0.3
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Podobny numer części - TS78M18ACZC0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS78M18ACZ TSC-TS78M18ACZ Datasheet
173Kb / 9P
   3-Terminal Medium Current Positive Voltage Regulator
More results

Podobny opis - TS78M18ACZC0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ78MXX BCDSEMI-AZ78MXX_07 Datasheet
132Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com