Zakładka z wyszukiwarką danych komponentów |
|
TS78L05CTA3 Arkusz danych(PDF) 7 Page - Taiwan Semiconductor Company, Ltd |
|
TS78L05CTA3 Arkusz danych(HTML) 7 Page - Taiwan Semiconductor Company, Ltd |
7 / 12 page TS78L00 Series 3-Terminal 100mA Positive Voltage Regulator 7/12 Version: B07 Application Information Design Considerations The TS78L00 Series of fixed voltage regulators are designed with Thermal Overload Protection that shuts down the circuit when subjected to an excessive power overload condition. Internal Short Circuit protection Limits the maximum current the circuit will pass. In many low current applications, compensation capacitors are not required. However, it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire lengths, or if the output load capacitance is large. The input bypass capacitor should be selected to provide good high- frequency characteristics to insure stable operation under all load conditions. A 0.33uF or larger tantalum, mylar, or other capacitor having low internal impedance at high frequencies should be chosen. The bypass capacitor should be mounted with the shortest possible leads directly across the regulators input terminals. Good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator has no external sense lead. Bypassing the output is also recommended. FIGURE 2 – ±15V Tracking Voltage Regulator FIGURE 7 – Current Regulator The TS78L00 regulators can also be used as a current source when connected as above. In order to minimize dissipation the TS78L05 is chosen in this application. Resistor R determines the current as follows: IIB=3.8mA over lined and load changes For example, a 100mA current source would require R to be a 50Ω. 1/2W resistor and the output voltage compliance would be the input voltage less 7V. FIGURE 8 – ±15V Tracking Voltage Regulator |
Podobny numer części - TS78L05CTA3 |
|
Podobny opis - TS78L05CTA3 |