Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NZQA6V8XV5T1G Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części NZQA6V8XV5T1G
Szczegółowy opis  Quad Array for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NZQA6V8XV5T1G Arkusz danych(HTML) 3 Page - ON Semiconductor

  NZQA6V8XV5T1G Datasheet HTML 1Page - ON Semiconductor NZQA6V8XV5T1G Datasheet HTML 2Page - ON Semiconductor NZQA6V8XV5T1G Datasheet HTML 3Page - ON Semiconductor NZQA6V8XV5T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NZQA5V6XV5T1G Series
http://onsemi.com
3
Figure 1. Pulse Waveform
t, TIME (ms)
30
15
10
5
0
25
20
90
80
70
60
50
40
30
20
10
0
100
110
WAVEFORM
PARAMETERS
tr = 8 ms
td = 20 ms
td = IPP/2
c−t
TA, AMBIENT TEMPERATURE (°C)
150
125
100
75
50
25
0
90
80
70
60
50
40
30
20
10
0
100
110
Figure 2. Power Derating Curve
Figure 3. Clamping Voltage versus
Peak Pulse Current
IPP, PEAK PULSE CURRENT (A)
12.5
11
1
6
4
2
0
10
8
14
12
Figure 4. Typical Capacitance
VBR, BREAKDOWN VOLTAGE (V)
6.8
6.2
5.6
70
60
50
0
80
90
100
30
20
10
40
7.1
6.5
5.9
5.3
13.5
35
7
9 10
NZQA5V6XV5T1
NZQA6V2XV5T1
NZQA6V8XV5T1


Podobny numer części - NZQA6V8XV5T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NZQA6V8XV5T1 ONSEMI-NZQA6V8XV5T1 Datasheet
38Kb / 4P
   Quad Array for ESD Protection
February, 2003 - Rev. 0
More results

Podobny opis - NZQA6V8XV5T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
SMF05T1 ONSEMI-SMF05T1 Datasheet
127Kb / 4P
   Quad Array for ESD Protection
January, 2006 -- Rev. 3
MSQA6V1W5T2 ONSEMI-MSQA6V1W5T2_06 Datasheet
52Kb / 4P
   Quad Array for ESD Protection
February, 2006 ??Rev. 4
DF6A6.8FUT1 ONSEMI-DF6A6.8FUT1_05 Datasheet
54Kb / 4P
   Quad Array for ESD Protection
June, 2005 ??Rev. 1
MSQA6V1W5T2G ONSEMI-MSQA6V1W5T2G Datasheet
172Kb / 6P
   Quad Array for ESD Protection
February, 2012 ??Rev. 7
logo
Pan Jit International I...
PJESDA5V6-5G PANJIT-PJESDA5V6-5G Datasheet
175Kb / 3P
   QUAD ARRAY FOR ESD PROTECTION
logo
Leshan Radio Company
LESD6A6V8W6T1G LRC-LESD6A6V8W6T1G Datasheet
354Kb / 5P
   Quad Array for ESD Protection
logo
ON Semiconductor
DF6A6.8FUT2G ONSEMI-DF6A6.8FUT2G Datasheet
100Kb / 3P
   Quad Array for ESD Protection
October, 2012 ??Rev. 2
MSQA6V1W5T2 ONSEMI-MSQA6V1W5T2 Datasheet
46Kb / 4P
   Quad Array for ESD Protection
November, 2003 ??Rev. 3
logo
Leshan Radio Company
LESDA5V6V5T1G LRC-LESDA5V6V5T1G Datasheet
320Kb / 6P
   Quad Array for ESD Protection
logo
ON Semiconductor
SMF05T1 ONSEMI-SMF05T1_09 Datasheet
169Kb / 5P
   Quad Array for ESD Protection
August, 2009 ??Rev. 4
DF6A6.8FUT1 ONSEMI-DF6A6.8FUT1 Datasheet
43Kb / 4P
   Quad Array for ESD Protection
May, 2001 ??Rev. 0
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com