Zakładka z wyszukiwarką danych komponentów |
|
SN74LVCH245ADBLE Arkusz danych(PDF) 3 Page - Texas Instruments |
|
SN74LVCH245ADBLE Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 27 page www.ti.com DIR OE A1 B1 To Seven Other Channels 1 2 19 18 Absolute Maximum Ratings (1) SN54LVCH245A, SN74LVCH245A OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCES008O – JULY 1995 – REVISED DECEMBER 2005 LOGIC DIAGRAM (POSITIVE LOGIC) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 6.5 V VI Input voltage range(2) –0.5 6.5 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 6.5 V VO Voltage range applied to any output in the high or low state(2)(3) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±50 mA Continuous current through VCC or GND ±100 mA DB package(4) 70 DGV package(4) 92 DW package(4) 58 θ JA Package thermal impedance GQN/ZQN package(4) 78 °C/W NS package(4) 60 PW package(4) 83 RGY package(5) 37 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed. (3) The value of VCC is provided in the recommended operating conditions table. (4) The package thermal impedance is calculated in accordance with JESD 51-7. (5) The package thermal impedance is calculated in accordance with JESD 51-5. 3 |
Podobny numer części - SN74LVCH245ADBLE |
|
Podobny opis - SN74LVCH245ADBLE |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |