Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVCH245ADBLE Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części SN74LVCH245ADBLE
Szczegółowy opis  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCH245ADBLE Arkusz danych(HTML) 2 Page - Texas Instruments

  SN74LVCH245ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVCH245ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVCH245ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVCH245ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVCH245ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVCH245ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVCH245ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVCH245ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVCH245ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
GQN OR ZQN PACKAGE
(TOP VIEW)
1
2
3
4
A
B
C
D
E
SN54LVCH245A, SN74LVCH245A
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCES008O – JULY 1995 – REVISED DECEMBER 2005
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LVCH245ARGYR
LCH245A
Tube of 25
SN74LVCH245ADW
SOIC – DW
LVCH245A
Reel of 2000
SN74LVCH245ADWR
SOP – NS
Reel of 2000
SN74LVCH245ANSR
LVCH245A
SSOP – DB
Reel of 2000
SN74LVCH245ADBR
LCH245A
–40
°C to 85°C
Tube of 70
SN74LVCH245APW
TSSOP – PW
Reel of 2000
SN74LVCH245APWR
LCH245A
Reel of 250
SN74LVCH245APWT
TVSOP – DGV
Reel of 2000
SN74LVCH245ADGVR
LCH245A
VFBGA – GQN
SN74LVCH245AGQNR
Reel of 1000
LCH245A
VFBGA – ZQN (Pb-free)
SN74LVCH245AZQNR
CDIP – J
Tube of 20
SNJ54LVCH245AJ
SNJ54LVCH245AJ
–55
°C to 125°C
CFP – W
Tube of 85
SNJ54LVCH245AW
SNJ54LVCH245AW
LCCC – FK
Tube of 55
SNJ54LVCH245AFK
SNJ54LVCH245AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
TERMINAL ASSIGNMENTS
1
2
3
4
A
A1
DIR
VCC
OE
B
A3
B2
A2
B1
C
A5
A4
B4
B3
D
A7
B6
A6
B5
E
GND
A8
B8
B7
FUNCTION TABLE
INPUTS
OPERATION
OE
DIR
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
2


Podobny numer części - SN74LVCH245ADBLE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVCH245ADBLE TI-SN74LVCH245ADBLE Datasheet
1Mb / 28P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVCH245ADBLE TI1-SN74LVCH245ADBLE Datasheet
1Mb / 37P
[Old version datasheet]   Octal Bus Transceivers With 3-State Outputs
More results

Podobny opis - SN74LVCH245ADBLE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com