Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1117 Arkusz danych(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Numer części TS1117
Szczegółowy opis  1A Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117 Arkusz danych(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS1117 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS1117
1A Low Dropout Positive Voltage Regulator
6/9
Version: A07
TO-263 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX = Voltage Code
(1.5=1.5V, 1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CM = TO-263)
TO-263 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.000
10.500
0.394
0.413
B
14.605
15.875
0.575
0.625
C
0.508
0.991
0.020
0.039
D
2.420
2.660
0.095
0.105
E
4.064
4.830
0.160
0.190
F
1.118
1.400
0.045
0.055
G
0.450
0.730
0.018
0.029
H
8.280
8.800
0.325
0.346
I
1.140
1.400
0.044
0.055
J
1.480
1.520
0.058
0.060


Podobny numer części - TS1117

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
514Kb / 9P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP TSC-TS1117BCP Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP18 TSC-TS1117BCP18 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results

Podobny opis - TS1117

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com