Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1117B Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS1117B
Szczegółowy opis  800mA Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117B Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1117B_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS1117B
800mA Low Dropout Positive Voltage Regulator
1/9
Version: A07
TO-252
SOT-223
TO-220
SOP-8
General Description
The TS1117B Series are high performance positive voltage regulators are designed for use in applications requiring
low dropout performance at full rated current, Additionally, the TS1117B Series provides excellent regulation over
variations due to changes in line, load and temperature. Outstanding features include low dropout performance at rated
current, fast transient response, internal current limiting and thermal shutdown protection of the output device. The
TS1117B Series are three terminal regulators with fixed and adjustable voltage options available in popular packages.
Features
Low Dropout Performance 1.5V max.
Fill Current Rating Over Line and Temperature
Fast Transient Response
±2% Total Output Regulation Over Line, Load and
Temperature
Adjust Pin Current max 90uA Over Temperature
Line Regulation Typical 0.015%
Load Regulation Typical 0.05%
Fixed / Adjustable Output Voltage
TO-220, TO-252, SOT-223 and SOP-8 Package
Ordering Information
Part No.
Package
Packing
TS1117BCZxx C0
TO-220
50pcs / Tube
TS1117BCPxx RO
TO-252
2.5Kpcs / 13” Reel
TS1117BCWxx RP
SOT-223
2.5Kpcs / 13” Reel
TS1117BCSxx RL
SOP-8
2.5Kpcs / 13” Reel
TS1117BIPxx RO
TO-252
2.5Kpcs / 13” Reel
TS1117BIWxx RP
SOT-223
2.5Kpcs / 13” Reel
TS1117BISxx RL
SOP-8
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 2.5V, 1.8V and 1.2V. Leave blank for
adjustable version.
Typical Application Circuit
Fixed Output Voltage Version
Vout = Vref(1+R2/R1) + Iadj R2
Adjustable Output Voltage Version
Block Diagram
Pin Definition:
1. Fixed / Adj
2. Output (tab)
3. Input
Pin Definition:
1. Fixed / Adj
8. N/C
2. Output
7. Output
3. Output
6. Output
4. Input
5. N/C


Podobny numer części - TS1117B_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS1117BCP TSC-TS1117BCP Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP18 TSC-TS1117BCP18 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP25 TSC-TS1117BCP25 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP33 TSC-TS1117BCP33 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP33ROG TSC-TS1117BCP33ROG Datasheet
364Kb / 8P
   1A Low Dropout Positive Voltage Regulator
More results

Podobny opis - TS1117B_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117S TSC-TS1117S Datasheet
362Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
74802 VISHAY-74802 Datasheet
81Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com