Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS34119 Arkusz danych(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

Numer części TS34119
Szczegółowy opis  Low Power Audio Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34119 Arkusz danych(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34119 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TS34119
Low Power Audio Amplifier
11/13
Version: A07
SOP-8 Mechanical Drawing
Marking Diagram
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L = Lot Code
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


Podobny numer części - TS34119

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119 TSC-TS34119 Datasheet
413Kb / 12P
   Low Power Audio Amplifier
TS34119CA TSC-TS34119CA Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119CD TSC-TS34119CD Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119CS TSC-TS34119CS Datasheet
492Kb / 11P
   Low Power Audio Amplifier
More results

Podobny opis - TS34119

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
   Low Power Audio Amplifier
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
   LOW POWER AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
MC34119 ARTSCHIP-MC34119 Datasheet
406Kb / 11P
   Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com