Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALVC245PW Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ALVC245PW
Szczegółowy opis  OCTAL BUS TRANSCEIVER WITH S-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC245PW Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74ALVC245PW Datasheet HTML 1Page - Texas Instruments SN74ALVC245PW Datasheet HTML 2Page - Texas Instruments SN74ALVC245PW Datasheet HTML 3Page - Texas Instruments SN74ALVC245PW Datasheet HTML 4Page - Texas Instruments SN74ALVC245PW Datasheet HTML 5Page - Texas Instruments SN74ALVC245PW Datasheet HTML 6Page - Texas Instruments SN74ALVC245PW Datasheet HTML 7Page - Texas Instruments SN74ALVC245PW Datasheet HTML 8Page - Texas Instruments SN74ALVC245PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74ALVC245
OCTAL BUS TRANSCEIVER
WITH 3STATE OUTPUTS
SCES271C − APRIL 1999 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operates From 1.65 V to 3.6 V
D Max tpd of 3.4 ns at 3.3 V
D ±24-mA Output Drive at 3.3 V
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
DGV, DW, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
RGY PACKAGE
(TOP VIEW)
120
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
OE
B1
B2
B3
B4
B5
B6
B7
A1
A2
A3
A4
A5
A6
A7
A8
description/ordering information
This octal bus transceiver is designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVC245 is designed for asynchronous communication between data buses. The device transmits
data from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the
direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so the buses are
effectively isolated.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74ALVC245RGYR
VA245
SOIC − DW
Tube
SN74ALVC245DW
ALVC245
SOIC − DW
Tape and reel
SN74ALVC245DWR
ALVC245
−40
°C to 85°C
SOP − NS
Tape and reel
SN74ALVC245NSR
ALVC245
−40 C to 85 C
TSSOP − PW
Tube
SN74ALVC245PW
VA245
TSSOP − PW
Tape and reel
SN74ALVC245PWR
VA245
TVSOP − DGV
Tape and reel
SN74ALVC245DGVR
VA245
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Podobny numer części - SN74ALVC245PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVC245PW TI-SN74ALVC245PW Datasheet
267Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC245PW TI-SN74ALVC245PW Datasheet
744Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC245PWE4 TI-SN74ALVC245PWE4 Datasheet
744Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC245PWG4 TI-SN74ALVC245PWG4 Datasheet
744Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC245PWR TI-SN74ALVC245PWR Datasheet
267Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ALVC245PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Aeroflex Circuit Techno...
UT54ACTS245E AEROFLEX-UT54ACTS245E Datasheet
117Kb / 9P
   Octal Bus Transceiver with Three-State Outputs
logo
Texas Instruments
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com