Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX79B10 Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części BZX79B10
Szczegółowy opis  500 mW Hermetically Sealed Glass Zener Voltage Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79B10 Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX79B10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79B10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
BZX79B2V4 – BZX79B75
500 mW Hermetically Sealed Glass Zener
Voltage Regulators
DO-35
Features
Zener voltage range 2.0 to 75 volts
DO-35 package (JEDEC)
Through-hole device type mounting
Hermetically sealed glass
Compression bonded construction
All external surfaces are corrosion resistant
and leads are readily solderable
RoHS compliant
Solder hot(dip Tin(Sn) lead finish
Cathode indicated by polarity band
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
Power Dissipation
Pd
500
mW
Maximum Forward Voltage
@ IF=100mA
VF
1.5
V
Storage Temperature Range
TSTG
-65 to + 200
OC
Operating Junction Temperature
TJ
+ 200
OC
These rating are limiting values above which the serviceability of the diode may be impaired.
Version: A07
Preliminary


Podobny numer części - BZX79B10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
BZX79B10 GE-BZX79B10 Datasheet
321Kb / 7P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79B10 EIC-BZX79B10 Datasheet
33Kb / 2P
   ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX79B10 SEMTECH_ELEC-BZX79B10 Datasheet
171Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79B10 TSC-BZX79B10 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
logo
SEMTECH ELECTRONICS LTD...
BZX79B100 SEMTECH_ELEC-BZX79B100 Datasheet
171Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Podobny opis - BZX79B10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0 Datasheet
115Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0_11 Datasheet
459Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZMM3V0 TAK_CHEONG-ZMM3V0 Datasheet
300Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ5221B TAK_CHEONG-TCLLZ5221B Datasheet
81Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCZM2V4B TAK_CHEONG-TCZM2V4B_11 Datasheet
467Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TC1N746A TAK_CHEONG-TC1N746A_10 Datasheet
3Mb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com