Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM894051L25 Arkusz danych(PDF) 10 Page - SyncMOS Technologies,Inc

Numer części SM894051L25
Szczegółowy opis  8-Bits Micro-controller With 4KB Flash ROM embedded
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM894051L25 Arkusz danych(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM894051L25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SyncMOS Technologies International, Inc.
SM894051
8-Bits Micro-controller
With 4KB Flash ROM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
SM894051
V1.4
09 /2006
10
ORL
C,bit
C = C .OR. bit
2
2
ORL
C,/bit
C = C .OR. /bit
2
2
MOV
C,bit
C = bit
2
1
MOV
bit,C
bit = C
2
2
JC
rel
Jump if C= 1
2
2
JNC
rel
Jump if C= 0
2
2
JB
bit,rel
Jump if bit = 1
3
2
JNB
bit,rel
Jump if bit = 0
3
2
JBC
bit,rel
Jump if C = 1
3
2
Jump Instructions
ACALL
addr11
Call Subroutine only at 2k bytes Address
2
2
LCALL
addr16
Call Subroutine in max 64K bytes Address
3
2
RET
Return from subroutine
1
2
RETI
Return from interrupt
1
2
AJMP
addr11
Jump only at 2k bytes Address
2
2
LJMP
addr16
Jump to max 64K bytes Address
3
2
SJMP
rel
Jump on at 256 bytes
2
2
JMP
@A+DPTR
Jump to A+ DPTR
1
2
JZ
rel
Jump if A = 0
2
2
JNZ
rel
Jump if A ≠ 0
2
2
CJNE
A, direct,rel
Jump if A ≠ < direct >
3
2
CJNZ
A, #data,rel
Jump if A ≠ < #data >
3
2
CJNZ
Rn, #data,rel
Jump if Rn ≠ < #data >
3
2
CJNZ
@Ri, #data,rel
Jump if @Ri ≠ < #data >
3
2
DJNZ
Rn,rel
Decrement and jump if Rn not zero
2
2
DJNZ
direct,rel
Decrement and jump if direct not zero
3
2
NOP
No Operation
1
1
Limited on Certain Instructions
Branching instructions:
The certain instructions related to branching or jumping should be restricted. When the programmer execute the
branching instructions like AJMP, LJMP, ACALL, LCALL, SJMP etc..., they have responsibility to ensure that the
destination branching address don’t be over internal program memory size. SM894051 contain 4K bytes program
memory and its location is from 00H to 0FFFH.
Data Memory, MOVX-related instructions:
SM894051 contains 128 bytes internal data memory, and it doesn’t support external data memory access. Therefore,
SM894051 doesn’t include MOVX instructions.
Limited on down mode wake-up
SM894051 has two ways to wake-up power down mode. One of them is hardware reset. The other one is that using
external interrupt (#INT0, #INT1) to wake-up power down mode and the external interrupt must be set for level
trigger.
I/O Pin Configuration
Port 1:
The ports P1.2 to P1.7 have internal pull-up resistor. The ports P1.0 to P1.1 are open-drain configuration, so they
require external pull-up resistor to pull low. And P1.0 and P1.1 also used as the positive input (AIN0) and the
negative input (AIN1) of the on chip analog comparator.
As long as the voltage level of P1.0 is greater than P1.1, the output voltage level of the on-chip analog comparator is
“1 “. And this result will be stored in the bit 6 of the port 3 SFR.
Port 3:
The Port 3 are 7-bits bi-directional I/O pins which include P3.0 to P3.5 and P3.7. The P3.6 doesn't be used as general
purpose I/O pin, and the output pin of the on-chip analog comparator connects to the P3.6 which is hard-wired as an
input.


Podobny numer części - SM894051L25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results

Podobny opis - SM894051L25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
416Kb / 28P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com