Zakładka z wyszukiwarką danych komponentów |
|
SN74AUP1G58DCKR Arkusz danych(PDF) 9 Page - Texas Instruments |
|
|
SN74AUP1G58DCKR Arkusz danych(HTML) 9 Page - Texas Instruments |
9 / 19 page www.ti.com PARAMETER MEASUREMENT INFORMATION VM From Output Under Test CL (see Note A) LOAD CIRCUIT 1 M Ω VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS tPLH tPHL tPHL tPLH VOH VOH VOL VOL VI 0 V Input Output Output NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns. C. The outputs are measured one at a time, with one transition per measurement. D. tPLH and tPHL are the same as tpd. E. All parameters and waveforms are not applicable to all devices. VM VM VM VM VM 5, 10, 15, 30 pF VCC/2 VCC VCC = 1.2 V ± 0.1 V VCC = 0.8 V VCC = 1.5 V ± 0.1 V VCC = 1.8 V ± 0.15 V VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC CL VM VI 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC th tsu Data Input Timing Input VCC 0 V VCC 0 V 0 V tw Input VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PULSE DURATION VCC/2 VCC/2 VCC/2 VCC/2 VCC VCC/2 SN74AUP1G58 LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE SCES504H – NOVEMBER 2003 – REVISED DECEMBER 2007 (Propagation Delays, Setup-and-Hold Times, and Pulse Duration) Figure 6. Load Circuit and Voltage Waveforms Copyright © 2003–2007, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): SN74AUP1G58 |
Podobny numer części - SN74AUP1G58DCKR |
|
Podobny opis - SN74AUP1G58DCKR |