Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVQ373M Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części 74LVQ373M
Szczegółowy opis  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ373M Arkusz danych(HTML) 5 Page - STMicroelectronics

  74LVQ373M Datasheet HTML 1Page - STMicroelectronics 74LVQ373M Datasheet HTML 2Page - STMicroelectronics 74LVQ373M Datasheet HTML 3Page - STMicroelectronics 74LVQ373M Datasheet HTML 4Page - STMicroelectronics 74LVQ373M Datasheet HTML 5Page - STMicroelectronics 74LVQ373M Datasheet HTML 6Page - STMicroelectronics 74LVQ373M Datasheet HTML 7Page - STMicroelectronics 74LVQ373M Datasheet HTML 8Page - STMicroelectronics 74LVQ373M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
CIN
Input Capacitance
3.3
5
pF
COUT
Output Capacitance
3.3
10
pF
CPD
Power Dissipation
Capacitance (note 1)
3.3
fIN = 10 MHz
10
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operting current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/8(per Latch)
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf =3 ns)
Symb ol
Parameter
T est Con ditio n
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
tPLH
tPHL
Propagation Delay Time
LE to Q
2.7
8.0
17.0
18.0
ns
3.3
(*)
6.5
11.0
12.0
tPLH
tPHL
Propagation Delay Time
Dto Q
2.7
7.5
15.0
16.0
ns
3.3
(*)
6.0
10.0
11.0
tPLZ
tPHZ
Output Disable Time
2.7
8.5
20.0
21.0
ns
3.3
(*)
7.0
14.0
15.0
tPZL
tPZH
Output Enable Time
2.7
9.0
18.0
19.0
ns
3.3
(*)
7.0
12.0
13.0
tw
LE pulse Width, HIGH
2.7
2.0
5.0
6.0
ns
3.3
(*)
1.5
4.0
4.0
tsL
tsH
Setup Time D to LE
HIGH or LOW
2.7
0.0
3.0
4.0
ns
3.3
(*)
0.0
2.0
3.0
thL
thH
Hold Time D to LE
HIGH or LOW
2.7
0.0
1.5
2.0
ns
3.3
(*)
0.0
1.5
2.0
tOSLH
tOSHL
Output to Output Skew
Time (note 1, 2)
2.7
0.5
1.0
1.5
ns
3.3
(*)
0.5
1.0
1.5
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any twooutputs of the same device switching in the
same direction, either HIGH or LOW (tOSLH =|tPLHm -tPLHn|, tOSHL =|tPHLm -tpHLn|)
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
74LVQ373
5/10


Podobny numer części - 74LVQ373M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVQ373MTR STMICROELECTRONICS-74LVQ373MTR Datasheet
289Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
More results

Podobny opis - 74LVQ373M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74VHCT373A STMICROELECTRONICS-74VHCT373A_04 Datasheet
279Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373_04 Datasheet
306Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
241Kb / 12P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
M74HCT573 STMICROELECTRONICS-M74HCT573 Datasheet
228Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC573 STMICROELECTRONICS-74AC573 Datasheet
248Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com