Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVQ573M Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części 74LVQ573M
Szczegółowy opis  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ573M Arkusz danych(HTML) 4 Page - STMicroelectronics

  74LVQ573M Datasheet HTML 1Page - STMicroelectronics 74LVQ573M Datasheet HTML 2Page - STMicroelectronics 74LVQ573M Datasheet HTML 3Page - STMicroelectronics 74LVQ573M Datasheet HTML 4Page - STMicroelectronics 74LVQ573M Datasheet HTML 5Page - STMicroelectronics 74LVQ573M Datasheet HTML 6Page - STMicroelectronics 74LVQ573M Datasheet HTML 7Page - STMicroelectronics 74LVQ573M Datasheet HTML 8Page - STMicroelectronics 74LVQ573M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DC SPECIFICATIONS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
VIH
High Level Input Voltage
3.0 to
3.6
2.0
2.0
V
VIL
Low Level Input Voltage
0.8
0.8
V
VOH
High Level Output
Voltage
3.0
VI
(* ) =
VIH or
VIL
IO=-50
µA
2.9
2.99
2.9
V
IO=-12 mA
2.58
2.48
IO=-24 mA
2.2
VOL
Low Level Output
Voltage
3.0
VI
(*) =
VIH or
VIL
IO=50
µA
0.002
0.1
0.1
V
IO=12 mA
0
0.36
0.44
IO=24 mA
0.55
II
Input Leakage Current
3.6
VI =VCC or GND
±0.1
±1
µA
IOZ
3 State Output Leakage
Current
3.6
VI =VIH or VIL
VO =VCC or GND
±0.25
±2.5
µA
ICC
Quiescent Supply
Current
3.6
VI =VCC or GND
4
40
µA
IOLD
Dynamic Output Current
(note 1, 2)
3.6
VOLD = 0.8 V max
36
mA
IOHD
VOHD = 2 V min
-25
mA
1) Maximum test duration 2ms, one output loaded attime
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
Ω.
(*) All outputs loaded.
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
VOLP
Dynamic Low Voltage
Quiet Output (note 1, 2)
3.3
CL =50 pF
0.5
0.8
V
VOLV
-0.8
-0.6
VIHD
Dynamic High Voltage
Input (note 1, 3)
3.3
2
VILD
Dynamic Low Voltage
Input (note 1, 3)
3.3
0.8
1) Worst case package
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n -1) outputs switching and one output at GND
3) max number of data inputs (n) switching. (n-1) switching 0V to3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold (VIHD). f=1MHz
74LVQ573
4/10


Podobny numer części - 74LVQ573M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVQ573MTR STMICROELECTRONICS-74LVQ573MTR Datasheet
288Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
More results

Podobny opis - 74LVQ573M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVQ373 STMICROELECTRONICS-74LVQ373 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74VHCT373A STMICROELECTRONICS-74VHCT373A_04 Datasheet
279Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373_04 Datasheet
306Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
241Kb / 12P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
M74HCT573 STMICROELECTRONICS-M74HCT573 Datasheet
228Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC573 STMICROELECTRONICS-74AC573 Datasheet
248Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com