Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCBL283-N2Q1-AC-1 Arkusz danych(PDF) 9 Page - OSRAM GmbH

Numer części LCBL283-N2Q1-AC-1
Szczegółowy opis  SmartLED짰 0603 Color on demand: blue Lead (Pb) Free Product - RoHS Compliant
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBL283-N2Q1-AC-1 Arkusz danych(HTML) 9 Page - OSRAM GmbH

Back Button LCBL283-N2Q1-AC-1 Datasheet HTML 5Page - OSRAM GmbH LCBL283-N2Q1-AC-1 Datasheet HTML 6Page - OSRAM GmbH LCBL283-N2Q1-AC-1 Datasheet HTML 7Page - OSRAM GmbH LCBL283-N2Q1-AC-1 Datasheet HTML 8Page - OSRAM GmbH LCBL283-N2Q1-AC-1 Datasheet HTML 9Page - OSRAM GmbH LCBL283-N2Q1-AC-1 Datasheet HTML 10Page - OSRAM GmbH LCBL283-N2Q1-AC-1 Datasheet HTML 11Page - OSRAM GmbH LCBL283-N2Q1-AC-1 Datasheet HTML 12Page - OSRAM GmbH LCBL283-N2Q1-AC-1 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LCB L283
2007-03-01
9
Relative Vorwärtsspannung
2) Seite 16
Relative Forward Voltage
2) page 16
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 10 mA
Farbortverschiebung
2) Seite 16
Chromaticity Coordinate Shift
2) page 16
x, y =
f (T
j); IF = 10 mA
Relative Lichtstärke
2) Seite 16
Relative Luminous Intensity
2) page 16
I
V/IV(25 °C) = f (Tj); IF = 10 mA
-0.2
-60
T
OHL02305
-40 -20
0
20 40 60
˚C 100
f
V
V
-0.1
0
0.1
0.2
0.3
0.5
j
j
T
Δ ( = 25 ˚C)
-0.030
-60
T
OHL02307
Cx
-40 -20
0
20 40 60
˚C 100
Cy
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.020
= 25 ˚C)
= 25 ˚C)
Δ
Δ
Cy ( j
(
Cx
j
T
T
j
OHL02306
-60
0
T
V (25 ˚C)
I
IV
j
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40 -20
0
20 40 60
˚C 100


Podobny numer części - LCBL283-N2Q1-AC-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stackpole Electronics, ...
LCB SEI-LCB Datasheet
277Kb / 3P
   Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
logo
OSRAM GmbH
LCB-CRBP OSRAM-LCB-CRBP Datasheet
1,016Kb / 22P
   SMD ceramic package with silicone lens
LCB-T67S OSRAM-LCB-T67S Datasheet
647Kb / 24P
   white PLCC-2 package, colored diffused resin
LCB-TVSG OSRAM-LCB-TVSG Datasheet
694Kb / 24P
   white PLCC-2 package, colored diffused silicone resin
logo
Omron Electronics LLC
LCB01 OMRON-LCB01 Datasheet
578Kb / 10P
    Integrated Loop Control and Sequence
More results

Podobny opis - LCBL283-N2Q1-AC-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
LCWL28G OSRAM-LCWL28G Datasheet
244Kb / 16P
   SmartLED짰 0603 Color on demand: white Lead (Pb) Free Product - RoHS Compliant
LSL296 OSRAM-LSL296 Datasheet
246Kb / 15P
   SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWL283 OSRAM-LWL283 Datasheet
628Kb / 15P
   SmartLED짰 0603 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LPL296 OSRAM-LPL296 Datasheet
496Kb / 14P
   SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LGL29K OSRAM-LGL29K Datasheet
225Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LSL29K OSRAM-LSL29K Datasheet
228Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LBL29G OSRAM-LBL29G Datasheet
234Kb / 15P
   SmartLED짰 0603 Enhanced Optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com