Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5237IPAG Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5237IPAG
Szczegółowy opis  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS5237IPAG Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS5237IPAG Datasheet HTML 6Page - Texas Instruments ADS5237IPAG Datasheet HTML 7Page - Texas Instruments ADS5237IPAG Datasheet HTML 8Page - Texas Instruments ADS5237IPAG Datasheet HTML 9Page - Texas Instruments ADS5237IPAG Datasheet HTML 10Page - Texas Instruments ADS5237IPAG Datasheet HTML 11Page - Texas Instruments ADS5237IPAG Datasheet HTML 12Page - Texas Instruments ADS5237IPAG Datasheet HTML 13Page - Texas Instruments ADS5237IPAG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
Table 1. SERIAL REGISTER MAP(1)(2)
ADDRESS
DATA
DESCRIPTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
X
X
X
0
Normal mode
0
0
0
0
X
X
X
1
Power-down both channels
0
0
0
0
X
X
0
X
Straight offset binary output
0
0
0
0
X
X
1
X
Binary two's complement output
0
0
0
0
X
0
X
X
Channel B digital outputs enabled
0
0
0
0
X
1
X
X
Channel B digital outputs 3-stated
0
0
0
0
0
X
X
X
Channel A digital outputs enabled
0
0
0
0
1
X
X
X
Channel A digital outputs 3-stated
0
0
1
0
0
0
0
0
Normal mode
0
0
1
0
0
1
0
0
All digital outputs set to '1'
0
0
1
0
1
0
0
0
All digital outputs set to '0'
0
0
1
1
0
0
X
0
Normal mode
0
0
1
1
1
X
X
0
Channel A powered down
0
0
1
1
X
1
X
0
Channel B powered down
0
0
1
1
X
X
0
0
PLL enabled (default)
0
0
1
1
X
X
1
0
PLL disabled
(1)
X = do not care.
(2)
Shown for the case where serial interface is used.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5237


Podobny numer części - ADS5237IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
ADS5231IPAG BURR-BROWN-ADS5231IPAG Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
ADS5231IPAGT BURR-BROWN-ADS5231IPAGT Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5232 TI-ADS5232 Datasheet
742Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232 TI1-ADS5232 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
More results

Podobny opis - ADS5237IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5232 TI-ADS5232 Datasheet
742Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232 TI1-ADS5232_14 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com