Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5237IPAGT Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADS5237IPAGT
Szczegółowy opis  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS5237IPAGT Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS5237IPAGT Datasheet HTML 1Page - Texas Instruments ADS5237IPAGT Datasheet HTML 2Page - Texas Instruments ADS5237IPAGT Datasheet HTML 3Page - Texas Instruments ADS5237IPAGT Datasheet HTML 4Page - Texas Instruments ADS5237IPAGT Datasheet HTML 5Page - Texas Instruments ADS5237IPAGT Datasheet HTML 6Page - Texas Instruments ADS5237IPAGT Datasheet HTML 7Page - Texas Instruments ADS5237IPAGT Datasheet HTML 8Page - Texas Instruments ADS5237IPAGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = 65MSPS, 50% clock duty cycle,
AVDD = 3.3V, VDRV = 3.3V, transformer-coupled inputs, –1dBFS, ISET = 56.2kΩ, and internal voltage reference, unless
otherwise noted.
ADS5237
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
No missing codes
Tested
DNL Differential nonlinearity
fIN = 5MHz
–0.5
±0.1
+0.5
LSB
INL Integral nonlinearity
fIN = 5MHz
–1
±0.1
+1
LSB
Offset error(1)
–0.75
0.2
+0.75
%FS
Offset temperature coefficient(2)
±6
ppm/
°C
Fixed attenuation in channel(3)
1
%FS
Fixed attenuation matching across channels
0.01
0.2
dB
Gain error/reference error(4)
–3.5
±1.0
+3.5
% FS
Gain error temperature coefficient
±40
ppm/
°C
POWER REQUIREMENTS(5)
Internal Reference
Power dissipation(5)
Analog only (AVDD)
260
297
mW
Output driver (VDRV)
106
136
mW
Total power dissipation
366
433
mW
External Reference
Power dissipation
Analog only (AVDD)
224
mW
Output driver (VDRV)
106
mW
Total power dissipation
330
mW
VREFT
1.875
2
2.05
mW
VREFB
0.95
1
1.125
mW
Total Power-Down
88
mW
REFERENCE VOLTAGES
VREFT Reference top (internal)
1.9
2.0
2.1
V
VREFB Reference bottom (internal)
0.9
1.0
1.1
V
VCM Common-mode voltage
1.4
1.5
1.6
V
VCM output current
(6)
±50mV change in voltage
±2
mA
VREFT Reference top (external)
1.875
V
VREFB Reference bottom (external)
1.125
V
External reference common-mode
VCM ±50mV
V
External reference input current(7)
1.0
mA
(1)
Offset error is the deviation of the average code from mid-code with –1dBFS sinusoid from ideal mid-code (512). Offset error is
expressed in terms of percent of full-scale.
(2)
If the offset at temperatures T1 and T2 is O1 and O2, respectively (where O1 and O2 are measured in LSBs), the offset temperature
coefficient in ppm/
°C is calculated as (O
1 – O2)/(T1 – T2) × 1
6/1024.
(3)
Fixed attenuation in the channel arises because of a fixed attenuation in the sample-and-hold amplifier. When the differential voltage at
the analog input pins is changed from –VREF to +VREF, the swing of the output code is expected to deviate from the full-scale code
(1024LSB) by the extent of this fixed attenuation. NOTE: VREF is defined as (REFT – REFB).
(4)
The reference voltages are trimmed at production so that (VREFT – VREFB) is within ± 35mV of the ideal value of 1V. This specification
does not include fixed attenuation.
(5)
Supply current can be calculated from dividing the power dissipation by the supply voltage of 3.3V.
(6)
The VCM output current specified is the drive of the VCM buffer if loaded externally.
(7)
Average current drawn from the reference pins in the external reference mode.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5237


Podobny numer części - ADS5237IPAGT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
ADS5231IPAG BURR-BROWN-ADS5231IPAG Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
ADS5231IPAGT BURR-BROWN-ADS5231IPAGT Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5232 TI-ADS5232 Datasheet
742Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232 TI1-ADS5232 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
More results

Podobny opis - ADS5237IPAGT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5232 TI-ADS5232 Datasheet
742Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232 TI1-ADS5232_14 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com