Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL780 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TL780
Szczegółowy opis  POSITIVE-VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL780 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TL780 Datasheet HTML 7Page - Texas Instruments TL780 Datasheet HTML 8Page - Texas Instruments TL780 Datasheet HTML 9Page - Texas Instruments TL780 Datasheet HTML 10Page - Texas Instruments TL780 Datasheet HTML 11Page - Texas Instruments TL780 Datasheet HTML 12Page - Texas Instruments TL780 Datasheet HTML 13Page - Texas Instruments TL780 Datasheet HTML 14Page - Texas Instruments TL780 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MECHANICAL DATA
MPFM001E – OCTOBER 1994 – REVISED JANUARY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
KTE (R-PSFM-G3)
PowerFLEX
™ PLASTIC FLANGE-MOUNT
0.360 (9,14)
0.350 (8,89)
0.080 (2,03)
0.070 (1,78)
0.010 (0,25) NOM
0.040 (1,02)
Seating Plane
0.050 (1,27)
0.001 (0,03)
0.005 (0,13)
0.010 (0,25)
NOM
Gage Plane
0.010 (0,25)
0.031 (0,79)
0.041 (1,04)
4073375/F 12/00
NOM
3
1
0.350 (8,89)
0.220 (5,59)
0.360 (9,14)
0.295 (7,49)
NOM
0.320 (8,13)
0.310 (7,87)
0.025 (0,63)
0.031 (0,79)
Thermal Tab
(See Note C)
0.004 (0,10)
M
0.010 (0,25)
0.100 (2,54)
3
°–6°
0.410 (10,41)
0.420 (10,67)
0.200 (5,08)
0.365 (9,27)
0.375 (9,52)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. The center lead is in electrical contact with the thermal tab.
D. Dimensions do not include mold protrusions, not to exceed 0.006 (0,15).
E. Falls within JEDEC MO-169
PowerFLEX is a trademark of Texas Instruments.


Podobny numer części - TL780

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL780 TI-TL780 Datasheet
134Kb / 8P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
TL780 TI-TL780 Datasheet
571Kb / 14P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
TL780-05 TI-TL780-05 Datasheet
134Kb / 8P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
TL780-05 TI-TL780-05 Datasheet
571Kb / 14P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
TL780-05C TI-TL780-05C Datasheet
571Kb / 14P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Podobny opis - TL780

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com