Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHC04DG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AHC04DG4
Szczegółowy opis  HEX INVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC04DG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74AHC04DG4 Datasheet HTML 1Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 2Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 3Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 4Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 5Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 6Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 7Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 8Page - Texas Instruments SN74AHC04DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
Electrical Characteristics
SN74LVCZ161284A
19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER
WITH ERROR-FREE POWER UP
SCES358B – SEPTEMBER 2001 – REVISED MAY 2005
over recommended operating free-air temperature range, V
CC CABLE = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
All inputs except
0.4
∆V
t
C inputs and HOST LOGIC IN
Hysteresis
3.3 V
V
HOST LOGIC IN
0.2
(VT+ – VT–)
C inputs
0.8
3 V
2.23
HD high, B and Y outputs
IOH = –14 mA
3.3 V(2)
2.4
IOH = –4 mA
2.4
HD high, A outputs, and
VOH
3 V
V
HOST LOGIC OUT
IOH = –50 µA
2.8
3.15 V
3.1
PERI LOGIC OUT
IOH = –0.5 mA
3.3 V(2)
4.5
B and Y outputs
IOL = 14 mA
0.77
IOL = 50 µA
0.2
VOL
A outputs and HOST LOGIC OUT
3 V
V
IOL = 4 mA
0 4
PERI LOGIC OUT
IOL = 84 mA
0.9
VI = VCC
50
µA
C inputs
3.6 V(3)
II
VI = GND (pullup resistors)
–3.5
mA
All inputs except B or C inputs
VI = VCC or GND
3.6 V
±1
µA
A1–A8
VO = VCC or GND
3.6 V
±20
µA
VO = VCC CABLE
3.6 V
50
µA
IOZ
B outputs
VO = GND (pullup resistors)
3.6 V(3)
–3.5
mA
Open-drain Y outputs
VO = GND (pullup resistors)
3.6 V(3)
–3.5
mA
VO = 5.5 V
350
µA
IOZPU
B and Y outputs
0 to 1.5 V(4)
VO = GND
–5
mA
VO = 5.5 V
350
µA
IOZPD
B and Y outputs
0 to 1.5 V(4)
VO = GND
–5
mA
Power-down input leakage,
VI or VO = 0 to 3.6 V
100
except A1–A8 or B1–B8 inputs
Ioff
0(3)
µA
Power-down output leakage,
VI or VO = 0 to 5.5 V
100
B1–B8 and Y9–Y13 outputs
3.6 V(5)
45
VI = GND (12 × pullup)
ICC
3.6 V
70
mA
VI = VCC,
IO = 0
3.6 V
0.8
Ci
All inputs
VI = VCC or GND
3.3 V
3
pF
Cio
I/O ports
VO = VCC or GND
3.3 V
7
pF
ZO
Cable side
IOH = –35 mA
3.3 V
45
R pullup
Cable side
VO = 0 V (in high-impedance state)
3.3 V
1.15
1.65
k
(1)
Typical values are measured at VCC = 3.3 V, VCC CABLE = 5 V, and TA = 25°C.
(2)
VCC CABLE = 4.7 V
(3)
VCC CABLE = 3.6 V
(4)
Connect the VCC pin and the VCC CABLE pin.
(5)
VCC CABLE = 4.7 V
5


Podobny numer części - SN74AHC04DG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHC04DG4 TI-SN74AHC04DG4 Datasheet
1Mb / 30P
[Old version datasheet]   HEX INVERTERS
More results

Podobny opis - SN74AHC04DG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com