Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5374 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADL5374
Szczegółowy opis  400 MHz to 6 GHz Broadband Quadrature Modulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5374 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADL5374 Datasheet HTML 5Page - Analog Devices ADL5374 Datasheet HTML 6Page - Analog Devices ADL5374 Datasheet HTML 7Page - Analog Devices ADL5374 Datasheet HTML 8Page - Analog Devices ADL5374 Datasheet HTML 9Page - Analog Devices ADL5374 Datasheet HTML 10Page - Analog Devices ADL5374 Datasheet HTML 11Page - Analog Devices ADL5374 Datasheet HTML 12Page - Analog Devices ADL5374 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADL5375
Rev. 0 | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
ADL5375-05
VS = 5 V; TA = 25°C; LO = 0 dBm single-ended drive; baseband I/Q amplitude = 1 V p-p differential sine waves in quadrature with a
500 mV dc bias; baseband I/Q frequency (fBB) = 1 MHz, unless otherwise noted.
TA = –40°C
TA = +85°C
TA = +25°C
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
Figure 3. Single-Sideband (SSB) Output Power (POUT) vs.
LO Frequency (fLO) and Temperature
VS = 4.75V
VS = 5.0V
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
VS = 5.25V
Figure 4. Single-Sideband (SSB) Output Power (POUT) vs.
LO Frequency (fLO) and Supply
0
2
4
6
8
10
12
TA = –40°C
TA = +85°C
TA = +25°C
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
Figure 5. SSB Output 1dB Compression Point (OP1dB) vs. LO Frequency (fLO)
and Temperature
VS = 5.25V
VS = 5.0V
0
2
4
6
8
10
12
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
6.0
LO FREQUENCY (GHz)
VS = 4.75V
Figure 6. SSB Output 1dB Compression Point (OP1dB) vs. LO Frequency (fLO)
and Supply
0
180
30
330
60
90
270
300
120
240
150
210
S11 OF LO
S22 OF OUTPUT
450M
6G
6G
450M
Figure 7. Smith Chart of LOIP (LOIN AC-Coupled to Ground) S11 and RFOUT
S22 from 450 MHz to 6000 MHz
–40
–30
–20
–10
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
FREQUENCY (GHz)
LOIP
RFOUT
Figure 8. Return Loss of LOIP (LOIN AC-Coupled to Ground) S11 and RFOUT
S22 from 450 MHz to 6000 MHz


Podobny numer części - ADL5374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5374 AD-ADL5374 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
ADL5374 AD-ADL5374 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5374 AD-ADL5374 Datasheet
134Kb / 3P
   Interfacing the ADL5374 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
ADL5374 AD-ADL5374_15 Datasheet
862Kb / 20P
   3000 MHz to 4000 MHz Quadrature Modulator
REV. 0
More results

Podobny opis - ADL5374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com