Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHCT126DGVR Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AHCT126DGVR
Szczegółowy opis  QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT126DGVR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button SN74AHCT126DGVR Datasheet HTML 7Page - Texas Instruments SN74AHCT126DGVR Datasheet HTML 8Page - Texas Instruments SN74AHCT126DGVR Datasheet HTML 9Page - Texas Instruments SN74AHCT126DGVR Datasheet HTML 10Page - Texas Instruments SN74AHCT126DGVR Datasheet HTML 11Page - Texas Instruments SN74AHCT126DGVR Datasheet HTML 12Page - Texas Instruments SN74AHCT126DGVR Datasheet HTML 13Page - Texas Instruments SN74AHCT126DGVR Datasheet HTML 14Page - Texas Instruments SN74AHCT126DGVR Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MECHANICAL DATA
MSOI002B – JANUARY 1995 – REVISED SEPTEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
8 PINS SHOWN
8
0.197
(5,00)
A MAX
A MIN
(4,80)
0.189
0.337
(8,55)
(8,75)
0.344
14
0.386
(9,80)
(10,00)
0.394
16
DIM
PINS **
4040047/E 09/01
0.069 (1,75) MAX
Seating Plane
0.004 (0,10)
0.010 (0,25)
0.010 (0,25)
0.016 (0,40)
0.044 (1,12)
0.244 (6,20)
0.228 (5,80)
0.020 (0,51)
0.014 (0,35)
1
4
8
5
0.150 (3,81)
0.157 (4,00)
0.008 (0,20) NOM
0
°– 8°
Gage Plane
A
0.004 (0,10)
0.010 (0,25)
0.050 (1,27)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0.006 (0,15).
D. Falls within JEDEC MS-012


Podobny numer części - SN74AHCT126DGVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHCT126DGVR TI-SN74AHCT126DGVR Datasheet
556Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHCT126DGVR TI-SN74AHCT126DGVR Datasheet
715Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHCT126DGVR TI-SN74AHCT126DGVR Datasheet
745Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHCT126DGVR TI-SN74AHCT126DGVR Datasheet
756Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHCT126DGVR TI-SN74AHCT126DGVR Datasheet
1Mb / 31P
[Old version datasheet]   SNx4AHCT126 Quadruple Bus Buffer Gates With 3-State Outputs
REVISED MAY 2023
More results

Podobny opis - SN74AHCT126DGVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125A TI1-SN74LV125A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54HC125 TI1-SN54HC125_15 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com