Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS6145IRHBTG4 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADS6145IRHBTG4
Szczegółowy opis  14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS6145IRHBTG4 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS6145IRHBTG4 Datasheet HTML 5Page - Texas Instruments ADS6145IRHBTG4 Datasheet HTML 6Page - Texas Instruments ADS6145IRHBTG4 Datasheet HTML 7Page - Texas Instruments ADS6145IRHBTG4 Datasheet HTML 8Page - Texas Instruments ADS6145IRHBTG4 Datasheet HTML 9Page - Texas Instruments ADS6145IRHBTG4 Datasheet HTML 10Page - Texas Instruments ADS6145IRHBTG4 Datasheet HTML 11Page - Texas Instruments ADS6145IRHBTG4 Datasheet HTML 12Page - Texas Instruments ADS6145IRHBTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
www.ti.com
TIMING CHARACTERISTICS – LVDS AND CMOS MODES
(1)
ADS6145, ADS6144
ADS6143, ADS6142
SLWS198A – JULY 2007 – REVISED OCTOBER 2007
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
DRVDD = 3.3 V, maximum rated sampling frequency, sine wave input clock, 1.5 VPP clock amplitude, CL = 5 pF
(2), I
O = 3.5
mA, RL = 100 Ω
(3), no internal termination, unless otherwise noted.
For timings at lower sampling frequencies, see section Output Timings in the APPLICATION INFORMATION of this data
sheet.
ADS6145
ADS6144
ADS6143
ADS6142
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Aperture
ta
0.7
1.5
2.5
0.7
1.5
2.5
0.7
1.5
2.5
0.7
1.5
2.5
ns
delay
Aperture
tj
150
150
150
150
fs rms
jitter
From global power
15
50
15
50
15
50
15
50
µs
down
Wake-up
time
From standby
15
50
15
50
15
50
15
50
µs
(to valid
From output
CMOS
100
200
100
200
100
200
100
200
ns
data)
buffer
LVDS
200
500
200
500
200
500
200
500
ns
disable
clock
Latency
9
9
9
9
cycles
DDR LVDS MODE(4), DRVDD = 3.3 V
Data valid (6) to
Data setup
tsu
zero-cross of
1.7
2.3
2.5
3.1
3.9
4.5
5.4
6.0
ns
time(5)
CLKOUTP
Zero-cross of
Data hold
th
CLKOUTP to data
0.7
1.7
0.7
1.7
0.7
1.7
0.7
1.7
ns
time(5)
becoming invalid(6)
Input clock rising edge
Clock
zero-cross to output
tPDI
propagation
4.3
5.8
7.3
4.3
5.8
7.3
4.3
5.8
7.3
4.3
5.8
7.3
ns
clock rising edge
delay
zero-cross
Duty cycle of
LVDS bit
differential clock,
clock duty
(CLKOUTP-
40%
47%
55%
40%
47%
55%
40%
47%
55%
40%
47%
55%
cycle
CLKOUTM),
10
≤ Fs ≤ 125 MSPS
Rise time measured
from –50 mV to 50
Data rise
mV,
tr
time,
Fall time measured
70
100
170
70
100
170
70
100
170
70
100
170
ps
tf
Data fall
from 50 mV to –50
time
mV,
1
≤ Fs ≤ 125 MSPS
Rise time measured
from –50 mV to 50
tCLKRI
Output clock
mV,
SE
rise time,
Fall time measured
70
100
170
70
100
170
70
100
170
70
100
170
ps
tCLKFA
Output clock
from 50 mV to –50
LL
fall time
mV,
1
≤ Fs ≤ 125 MSPS
PARALLEL CMOS MODE, DRVDD = 2.5 V to 3.3 V, default output buffer drive strength (7)
Data setup
Data valid(8) to 50% of
tsu
2.9
4.4
3.6
5.1
5.1
6.6
6.5
8.0
ns
time(5)
CLKOUT rising edge
50% of CLKOUT rising
Data hold
th
edge to data becoming
1.3
2.7
2.1
3.5
3.6
5.0
5.1
6.5
ns
time(5)
invalid(8)
(1)
Timing parameters are specified by design and characterization and not tested in production.
(2)
CL is the Effective external single-ended load capacitance between each output pin and ground.
(3)
IO Refers to the LVDS buffer current setting; RL is the differential load resistance between the LVDS output pair.
(4)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load.
(5)
Setup and hold time specifications take into account the effect of jitter on the output data and clock.
(6)
Data valid refers to a logic high of +100 mV and logic low of –100 mV.
(7)
For DRVDD < 2.2 V, it is recommended to use an external clock for data capture and NOT the device output clock signal (CLKOUT).
See Parallel CMOS interface in the application section.
(8)
Data valid refers to a logic high of 2 V (1.7 V) and logic low of 0.8 V (0.7 V) for DRVDD = 3.3 V (2.5 V).
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS6145, ADS6144 ADS6143, ADS6142


Podobny numer części - ADS6145IRHBTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6145 TI1-ADS6145 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Podobny opis - ADS6145IRHBTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com