Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G08GM Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74AUP1G08GM
Szczegółowy opis  Low-power 2-input AND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G08GM Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G08GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 11Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 12Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 13Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 14Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74AUP1G08_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 June 2006
11 of 17
Philips Semiconductors
74AUP1G08
Low-power 2-input AND gate
[1]
For measuring enable and disable times RL =5kΩ, for measuring propagation delays, setup and hold times and pulse width RL =1MΩ.
Test data is given in Table 11.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Load circuitry for switching times
001aac521
PULSE
GENERATOR
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
Table 11.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL [1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF
5 k
Ω or 1 MΩ
open
GND
2
× VCC


Podobny numer części - 74AUP1G08GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1G08GM NEXPERIA-74AUP1G08GM Datasheet
273Kb / 18P
   Low-power 2-input AND gate
Rev. 10 - 13 January 2022
74AUP1G08GM-Q100 NEXPERIA-74AUP1G08GM-Q100 Datasheet
229Kb / 14P
   Low-power 2-input AND gate
More results

Podobny opis - 74AUP1G08GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1G08-Q100 NEXPERIA-74AUP1G08-Q100 Datasheet
229Kb / 14P
   Low-power 2-input AND gate
74AUP1G08 NEXPERIA-74AUP1G08 Datasheet
273Kb / 18P
   Low-power 2-input AND gate
Rev. 10 - 13 January 2022
74AUP2G08 NEXPERIA-74AUP2G08 Datasheet
292Kb / 19P
   Low-power dual 2-input AND gate
Rev. 11 - 17 June 2022
logo
NXP Semiconductors
74AUP2G08 NXP-74AUP2G08 Datasheet
100Kb / 17P
   Low-power dual 2-input AND gate
Rev. 03-29 May 2008
74AUP2G08 PHILIPS-74AUP2G08_11 Datasheet
146Kb / 21P
   Low-power dual 2-input AND gate
Rev. 5-1 December 2011
logo
Texas Instruments
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI1-SN74AUP1G08_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08-Q1 TI1-SN74AUP1G08-Q1 Datasheet
806Kb / 15P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08 TI-SN74AUP1G08_10 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI-SN74AUP1G08 Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com