Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4360-8BCPZRL71 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADF4360-8BCPZRL71
Szczegółowy opis  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4360-8BCPZRL71 Arkusz danych(HTML) 3 Page - Analog Devices

  ADF4360-8BCPZRL71 Datasheet HTML 1Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 2Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 3Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 4Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 5Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 6Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 7Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 8Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADF4360-8
Rev. A | Page 3 of 24
SPECIFICATIONS1
AVDD = DVDD = VVCO = 3.3 V ± 10%; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
B Version
Unit
Conditions/Comments
REFIN CHARACTERISTICS
REFIN Input Frequency
10/250
MHz min/max
For f < 10 MHz, use a dc-coupled CMOS-compatible square wave,
slew rate > 21 V/µs.
REFIN Input Sensitivity
0.7/AVDD
V p-p min/max
AC-coupled
0 to AVDD
V max
CMOS-compatible
REFIN Input Capacitance
5.0
pF max
REFIN Input Current
±60
µA max
PHASE DETECTOR
Phase Detector Frequency2
8
MHz max
CHARGE PUMP
ICP Sink/Source3
With RSET = 4.7 kΩ
High Value
2.5
mA typ
Low Value
0.312
mA typ
RSET Range
2.7/10
kΩ
ICP Three-State Leakage Current
0.2
nA typ
Sink and Source Current Matching
2
% typ
1.25 V ≤ VCP ≤ 2.5 V
ICP vs. VCP
1.5
% typ
1.25 V ≤ VCP ≤ 2.5 V
ICP vs. Temperature
2
% typ
VCP = 2.0 V
LOGIC INPUTS
VINH, Input High Voltage
1.5
V min
VINL, Input Low Voltage
0.6
V max
IINH/IINL, Input Current
±1
µA max
CIN, Input Capacitance
3.0
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD – 0.4
V min
CMOS output chosen
IOH, Output High Current
500
µA max
VOL, Output Low Voltage
0.4
V max
IOL = 500 µA
POWER SUPPLIES
AVDD
3.0/3.6
V min/V max
DVDD
AVDD
VVCO
AVDD
AIDD4
5
mA typ
DIDD4
2.5
mA typ
IVCO4, 5
12.0
mA typ
ICORE = 5 mA
IRFOUT4
3.5 to 11.0
mA typ
RF output stage is programmable
Low Power Sleep Mode4
7
µA typ
RF OUTPUT CHARACTERISTICS5
Maximum VCO Output Frequency
400
MHz
ICORE = 5 mA. Depending on L. See the
Choosing the Correct Inductance Value section.
Minimum VCO Output Frequency
65
MHz
VCO Output Frequency
88/108
MHz min/max
L1, L2 = 270 nH. See the Choosing the Correct Inductance Value
section for other frequency values.
VCO Frequency Range
1.2
Ratio
FMAX / FMIN
VCO Sensitivity
2
MHz/V typ
L1, L2 = 270 nH. See the Choosing the Correct Inductance Value
section for other sensitivity values.
Lock Time6
400
µs typ
To within 10 Hz of final frequency
Frequency Pushing (Open Loop)
0.24
MHz/V typ
Frequency Pulling (Open Loop)
10
Hz typ
Into 2.00 VSWR load
Harmonic Content (Second)
−16
dBc typ


Podobny numer części - ADF4360-8BCPZRL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4360-8BCPZRL7 AD-ADF4360-8BCPZRL7 Datasheet
368Kb / 24P
   Integrated Synthesizer and VCO
More results

Podobny opis - ADF4360-8BCPZRL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com