Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLBL1304 Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRLBL1304
Szczegółowy opis  HEXFET짰 Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLBL1304 Arkusz danych(HTML) 2 Page - International Rectifier

  IRLBL1304 Datasheet HTML 1Page - International Rectifier IRLBL1304 Datasheet HTML 2Page - International Rectifier IRLBL1304 Datasheet HTML 3Page - International Rectifier IRLBL1304 Datasheet HTML 4Page - International Rectifier IRLBL1304 Datasheet HTML 5Page - International Rectifier IRLBL1304 Datasheet HTML 6Page - International Rectifier IRLBL1304 Datasheet HTML 7Page - International Rectifier IRLBL1304 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLBL1304
2
www.irf.com
Parameter
Min.
Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.043 –––
V/°C
Reference to 25°C, ID = 1mA
†
–––
––– 0.0045
VGS = 10V, ID = 110A
„
–––
––– 0.0065
VGS = 4.5V, ID = 93
„
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
120
–––
–––
S
VDS = 25V, ID = 110A
†
–––
–––
25
µA
VDS = 40V, VGS = 0V
–––
–––
250
VDS = 32V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -16V
Qg
Total Gate Charge
–––
–––
140
ID = 110A
Qgs
Gate-to-Source Charge
–––
–––
39
nC
VDS = 32V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
79
VGS = 4.5V, See Fig. 6 and 13
„†
td(on)
Turn-On Delay Time
–––
21
–––
VDD = 20V
tr
Rise Time
–––
350
–––
ID = 110A
td(off)
Turn-Off Delay Time
–––
45
–––
RG = 0.9Ω
tf
Fall Time
–––
103
–––
RD = 0.18Ω,See Fig. 10
„†
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
7660 –––
VGS = 0V
Coss
Output Capacitance
–––
2150 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
460
–––
ƒ = 1.0MHz, See Fig. 5
†
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 110A, di/dt ≤ 170A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting T
J = 25°C, L = 230µH
RG = 25Ω, IAS = 100A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 110A, VGS = 0V
„
trr
Reverse Recovery Time
–––
100
150
ns
TJ = 25°C, IF = 110A
Qrr
Reverse RecoveryCharge
–––
250
380
nC
di/dt = 100A/µs
„†
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
185
…
740
A
… Caculated continuous current based on maximum allowable
junction temperature; for recommended current-handling of the
package refer to Design Tip # 93-4.
† Uses IRLBA1304/P data and test conditions.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nH
IGSS
S
D
G
LS
Internal Source Inductance
–––
5.0
–––
RDS(on)
Static Drain-to-Source On-Resistance
LD
Internal Drain Inductance
2.0
IDSS
Drain-to-Source Leakage Current


Podobny numer części - IRLBL1304

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLB3034PBF IRF-IRLB3034PBF Datasheet
297Kb / 8P
   HEXFET Power MOSFET
IRLB3034PBF IRF-IRLB3034PBF Datasheet
297Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB3034PBF IRF-IRLB3034PBF_15 Datasheet
297Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
logo
Inchange Semiconductor ...
IRLB3036 ISC-IRLB3036 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLB3036GPBF IRF-IRLB3036GPBF Datasheet
300Kb / 8P
   HEXFET Power MOSFET
More results

Podobny opis - IRLBL1304

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8