Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC573 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74AHC573
Szczegółowy opis  Octal D-type transparent latch; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC573 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74AHC573_03 Datasheet HTML 1Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 2Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 3Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 4Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 5Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 6Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 7Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 8Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2003 Dec 08
3
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC573; 74AHCT573
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
h = HIGH voltage level one set-up time prior to the HIGH-to-LOW LE transition;
L = LOW voltage level;
I = LOW voltage level one set-up time prior to the HIGH-to-LOW LE transition;
Z = high-impedance OFF-state.
ORDERING INFORMATION
OPERATING MODE
INPUT
INTERNAL
LATCH
OUTPUT
OE
LE
Dn
Q0 to Q7
Enable and read register
(transparent mode)
L
H
LLL
L
HHHH
Latch and read register
L
L
I
L
L
LLh
H
H
Latch register and disable
outputs
HL
l
L
Z
HL
hH
Z
TYPE NUMBER
PACKAGE
PINS
PACKAGE
MATERIAL
CODE
74AHC573D
20
SO20
plastic
SOT163-1
74AHCT573D
20
SO20
plastic
SOT163-1
74AHC573PW
20
TSSOP20
plastic
SOT360-1
74AHCT573PW
20
TSSOP20
plastic
SOT360-1


Podobny numer części - 74AHC573_03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
280Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 13 July 2020
logo
NXP Semiconductors
74AHC573BQ NXP-74AHC573BQ Datasheet
175Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 05-25 March 2010
logo
Nexperia B.V. All right...
74AHC573BQ NEXPERIA-74AHC573BQ Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
74AHC573BQ-Q100 NEXPERIA-74AHC573BQ-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
More results

Podobny opis - 74AHC573_03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com