Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5102-015-G Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SM5102-015-G
Szczegółowy opis  OEM Silicon Pressure Die
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SM5102-015-G Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SM5102-015-G Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5102-015-G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON
MICROSTRUCTURES
I NCO R P O R AT ED
 2001-2002
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@Si-Micro.Com ♦ WWW.Si-Micro.Com
SM5102
OEM Silicon Pressure Die
• OEM SILICON PRESSURE SENSOR DIE
DESCRIPTION
The SM5102 is a silicon micro-machined,
piezoresistive pressure-sensing chip. These
devices are available in full-scale ranges
from 5 to 300 psi and are ideal for OEM and
high volume applications.
Provided in die form, these sensors can be
mounted on ceramic or PC board substrates
as part of an OEM system. They also may
be packaged into proprietary, or application
specific sensor lines.
Die are probed, inked and diced, and
shipped on tape.
Custom pressure ranges available in high-
volume applications. Field-shield, high
stability parts are also available on a
custom-bases.
FEATURES
High Volume, Low Cost
Gage and Absolute Versions
Constant Current or Constant Voltage
Drive
Millivolt Output
5, 15, 30, 60, 100 and 300 PSI Ranges
Available
APPLICATIONS
Altimeters
Tire Gauges
Medical Instrumentation
Industrial Sensors
Diving Modules
Home Appliances
Compensated
Rev 1.2 8_02


Podobny numer części - SM5102-015-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM5102-015-GX ETC2-SM5102-015-GX Datasheet
455Kb / 4P
   SMi PRESSURE SENSORS
More results

Podobny opis - SM5102-015-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Microstructures...
SM9520A SMI-SM9520A Datasheet
631Kb / 6P
   OEM Silicon Pressure Die
logo
List of Unclassifed Man...
SM5108C-015-AX ETC2-SM5108C-015-AX Datasheet
473Kb / 4P
   OEM Silicon Pressure Die
logo
Silicon Microstructures...
SM30G SMI-SM30G Datasheet
646Kb / 6P
   OEM Silicon Pressure Die
SM30D SMI-SM30D Datasheet
670Kb / 6P
   OEM Silicon Pressure Die
SM5108E SMI-SM5108E Datasheet
612Kb / 6P
   OEM Silicon Pressure Die
logo
List of Unclassifed Man...
SM5106 ETC2-SM5106 Datasheet
222Kb / 2P
   Small, Low Cost OEM Pressure Die
SM5108 ETC2-SM5108 Datasheet
784Kb / 2P
   Ultra-Small, Low-Cost,OEM Pressure Die
logo
Sensortechnics GmbH
PS2005AA SENSORTECHNICS-PS2005AA Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
PS9005AD SENSORTECHNICS-PS9005AD Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
logo
TT Electronics.
DS2902 TTELEC-DS2902 Datasheet
596Kb / 6P
   OEM Pressure Sensors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com