Zakładka z wyszukiwarką danych komponentów |
|
TLC2262CDG4 Arkusz danych(PDF) 6 Page - Texas Instruments |
|
TLC2262CDG4 Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 75 page TLC226x, TLC226xA Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2262C electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2262C UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VIO Input offset voltage 25 °C 300 2500 µV VIO Input offset voltage Full range 3000 µV αVIO Temperature coefficient of input offset voltage 25 °C to 70 °C 2 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, VO = 0, VDD ± = ± 2.5 V, RS = 50 Ω 25 °C 0.003 µV/mo IIO Input offset current O S 25 °C 0.5 pA IIO Input offset current Full range 100 pA IIB Input bias current 25 °C 1 pA IIB Input bias current Full range 100 pA VICR Common mode input voltage range RS =50 Ω |VIO|≤ 5mV 25 °C 0 to 4 – 0.3 to 4.2 V VICR Common-mode input voltage range RS = 50 Ω, |VIO| ≤ 5 mV Full range 0 to 3.5 V IOH = – 20 µA 25 °C 4.99 IOH = 100 µA 25 °C 4.85 4.94 VOH High-level output voltage IOH = – 100 µA Full range 4.82 V IOH = 400 µA 25 °C 4.70 4.85 IOH = – 400 µA Full range 4.60 VIC = 2.5 V, IOL = 50 µA 25 °C 0.01 VIC =2 5V IOL = 500 µA 25 °C 0.09 0.15 VIC = 2.5 V, IOL = 500 µA Full range 0.15 VOL Low-level output voltage VIC =2 5V IOL =1 mA 25 °C 0.2 0.3 V VIC = 2.5 V, IOL = 1 mA Full range 0.3 VIC =2 5V IOL =4 mA 25 °C 0.7 1 VIC = 2.5 V, IOL = 4 mA Full range 1.2 V2 5 V R50 k Ω‡ 25 °C 80 170 AVD Large-signal differential voltage amplification VIC = 2.5 V, VO =1Vto4V RL = 50 kΩ‡ Full range 55 V/mV VD gg g VO = 1 V to 4 V RL = 1 MΩ‡ 25 °C 550 ri(d) Differential input resistance 25 °C 1012 Ω ri(c) Common-mode input resistance 25 °C 1012 Ω ci(c) Common-mode input capacitance f = 10 kHz, P package 25 °C 8 pF zo Closed-loop output impedance f = 100 kHz, AV = 10 25 °C 240 Ω CMRR Common mode rejection ratio VIC = 0 to 2.7 V, VO = 2.5 V, 25 °C 70 83 dB CMRR Common-mode rejection ratio IC , O , RS = 50 Ω Full range 70 dB kSVR Supply voltage rejection ratio ( ∆VDD/∆VIO) VDD = 4.4 V to 16 V, 25 °C 80 95 dB kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) DD , VIC = VDD /2, No load Full range 80 dB IDD Supply current VO =2 5V No load 25 °C 400 500 µA IDD Supply current VO = 2.5 V, No load Full range 500 µA † Full range is 0 °C to 70°C. ‡ Referenced to 2.5 V NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
Podobny numer części - TLC2262CDG4 |
|
Podobny opis - TLC2262CDG4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |