Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDEP104NP-1R3M Arkusz danych(PDF) 1 Page - Sumida Corporation

Numer części CDEP104NP-1R3M
Szczegółowy opis  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP104NP-1R3M Arkusz danych(HTML) 1 Page - Sumida Corporation

  CDEP104NP-1R3M Datasheet HTML 1Page - Sumida Corporation CDEP104NP-1R3M Datasheet HTML 2Page - Sumida Corporation CDEP104NP-1R3M Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type: CDEP104, CDEP104B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
POWER INDUCTORS <SMD Type: CDEP Series>
Product Description
10.4×10.4mm Max.(L×W),4.5mm Max. Height.
Both standard type and Low DCR type of CDEP104 are available.
Inductance range: 0.22~0.25μH(CDEP104 Standard type);
0.36~0.43μH(CDEP104 Low D.C.R type ); 0.4μH(CDEP104B).
Saturation Current range: 11.8~39.6A(CDEP104 Standard type ) ;
7.0~24.2A(CDEP104 Low D.C.R type); 28.0A (CDEP104B).
Temperature rise current 5.0~18.0A(CDEP104),16.0A(CDEP104B)
In addition to the standards versions shown here, custom inductors are also available to
meet your exact requirements.
Feature
Super high current inductors.
Mn-Zn core used, Flat wire used.
Ideally used in portable computer CPU power supply.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Schematics (Bottom)
10.0 ±0.4
Max.4.5
2.9
3.8
11.0
2.9
3.8


Podobny numer części - CDEP104NP-1R3M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDEP104NP-1R3MC-50 SUMIDA-CDEP104NP-1R3MC-50 Datasheet
178Kb / 4P
   SMD Power Inductor
More results

Podobny opis - CDEP104NP-1R3M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com