Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STGBL6NC60D Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STGBL6NC60D
Szczegółowy opis  N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGBL6NC60D Arkusz danych(HTML) 4 Page - STMicroelectronics

  STGBL6NC60D Datasheet HTML 1Page - STMicroelectronics STGBL6NC60D Datasheet HTML 2Page - STMicroelectronics STGBL6NC60D Datasheet HTML 3Page - STMicroelectronics STGBL6NC60D Datasheet HTML 4Page - STMicroelectronics STGBL6NC60D Datasheet HTML 5Page - STMicroelectronics STGBL6NC60D Datasheet HTML 6Page - STMicroelectronics STGBL6NC60D Datasheet HTML 7Page - STMicroelectronics STGBL6NC60D Datasheet HTML 8Page - STMicroelectronics STGBL6NC60D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
STGBL6NC60D - STGDL6NC60D - STGPL6NC60D - STGFL6NC60D
4/19
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-emitter
breakdown voltage
IC = 1mA, VGE = 0
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15V, IC= 3A
VGE= 15V, IC= 3A,@ 125°C
VGE = 15V, IC= 1.5A
2.3
2.1
2.0
2.9
V
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250 µA
3.75
5.75
V
ICES
Collector cut-off current
(VGE = 0)
VCE = Max rating,TC= 25°C
VCE = Max rating,TC= 125°C
50
5
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ±20V, VCE= 0
±100
nA
gfs
Forward transconductance
VCE = 15V, IC= 3A
3S
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25V, f = 1MHz,
VGE = 0
208
32.5
5.4
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390V, IC = 3A,
VGE = 15V,
(see Figure 17)
12
2.6
4.9
nC
nC
nC


Podobny numer części - STGBL6NC60D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
STGBL6NC60DI STMICROELECTRONICS-STGBL6NC60DI Datasheet
645Kb / 18P
   6 A, 600 V hyper fast IGBT
STGBL6NC60DIT4 STMICROELECTRONICS-STGBL6NC60DIT4 Datasheet
645Kb / 18P
   6 A, 600 V hyper fast IGBT
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D_08 Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
More results

Podobny opis - STGBL6NC60D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP7NC60HD STMICROELECTRONICS-STGP7NC60HD Datasheet
430Kb / 15P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
June 2005 Rev.9
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
   N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
STGP3NB60K STMICROELECTRONICS-STGP3NB60K Datasheet
293Kb / 11P
   N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com