Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM486DE2-66V8THC Arkusz danych(PDF) 8 Page - Advanced Micro Devices

Numer części AM486DE2-66V8THC
Szczegółowy opis  8-Kbyte Write-Through Embedded Microprocessor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DE2-66V8THC Arkusz danych(HTML) 8 Page - Advanced Micro Devices

Back Button AM486DE2-66V8THC Datasheet HTML 4Page - Advanced Micro Devices AM486DE2-66V8THC Datasheet HTML 5Page - Advanced Micro Devices AM486DE2-66V8THC Datasheet HTML 6Page - Advanced Micro Devices AM486DE2-66V8THC Datasheet HTML 7Page - Advanced Micro Devices AM486DE2-66V8THC Datasheet HTML 8Page - Advanced Micro Devices AM486DE2-66V8THC Datasheet HTML 9Page - Advanced Micro Devices AM486DE2-66V8THC Datasheet HTML 10Page - Advanced Micro Devices AM486DE2-66V8THC Datasheet HTML 11Page - Advanced Micro Devices AM486DE2-66V8THC Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
Am486DE2 Microprocessor
168-Pin PGA Designations (Functional Grouping)
Address
Data
Control
Test
INC
Vcc
Vss
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
No.
Pin
No.
Pin
No.
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
A24
A25
A26
A27
A28
A29
A30
A31
Q-14
R-15
S-16
Q-12
S-15
Q-13
R-13
Q-11
S-13
R-12
S-7
Q-10
S-5
R-7
Q-9
Q-3
R-5
Q-4
Q-8
Q-5
Q-7
S-3
Q-6
R-2
S-2
S-1
R-1
P-2
P-3
Q-1
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
D18
D19
D20
D21
D22
D23
D24
D25
D26
D27
D28
D29
D30
D31
P-1
N-2
N-1
H-2
M-3
J-2
L-2
L-3
F-2
D-1
E-3
C-1
G-3
D-2
K-3
F-3
J-3
D-3
C-2
B-1
A-1
B-2
A-2
A-4
A-6
B-6
C-7
C-6
C-8
A-8
C-9
B-8
A20M
ADS
AHOLD
BE0
BE1
BE2
BE3
BLAST
BOFF
BRDY
BREQ
BS8
BS16
CACHE
CLK
D/C
DP0
DP1
DP2
DP3
EADS
FERR
FLUSH
HITM
HLDA
HOLD
IGNNE
INTR
INV
KEN
LOCK
M/IO
NMI
PCD
PCHK
PLOCK
PWT
RDY
RESET
SMI
SMIACT
SRESET
STPCLK
UP
VOLDET
WB/WT
W/R
D-15
S-17
A-17
K-15
J-16
J-15
F-17
R-16
D-17
H-15
Q-15
D-16
C-17
B-12
C-3
M-15
N-3
F-1
H-3
A-5
B-17
C-14
C-15
A-12
P-15
E-15
A-15
A-16
A-10
F-15
N-15
N-16
B-15
J-17
Q-17
Q-16
L-15
F-16
C-16
B-10
C-12
C-10
G-15
C-11
S-4
B-13
N-17
TCK
TDI
TDO
TMS
A-3
A-14
B-16
B-14
A-13
C-13
J-1
R-17
B-7
B-9
B-11
C-4
C-5
E-2
E-16
G-2
G-16
H-16
K-2
K-16
L-16
M-2
M-16
P-16
R-3
R-6
R-8
R-9
R-10
R-11
R-14
A-7
A-9
A-11
B-3
B-4
B-5
E-1
E-17
G-1
G-17
H-1
H-17
K-1
K-17
L-1
L-17
M-1
M-17
P-17
Q-2
R-4
S-6
S-8
S-9
S-10
S-11
S-12
S-14
Notes:
VOLDET is connected internally to VSS.
INC = Internal No Connect


Podobny numer części - AM486DE2-66V8THC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM486DX2 AMD-AM486DX2 Datasheet
1Mb / 67P
   Am5X86??Microprocessor Family
More results

Podobny opis - AM486DE2-66V8THC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
28945-BRF-001-A MA-COM-28945-BRF-001-A_15 Datasheet
111Kb / 2P
   Embedded Microprocessor
logo
NXP Semiconductors
SZF2002 PHILIPS-SZF2002 Datasheet
431Kb / 76P
   Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
1998 Aug 26
logo
Fujitsu Component Limit...
MB93423 FUJITSU-MB93423 Datasheet
659Kb / 55P
   VLIW Embedded Microprocessor
logo
STMicroelectronics
STPCCLIENT STMICROELECTRONICS-STPCCLIENT Datasheet
762Kb / 48P
   PC Compatible Embedded Microprocessor
February 8, 2000
logo
Intel Corporation
80386EX INTEL-80386EX Datasheet
766Kb / 56P
   Intel386 EX Embedded Microprocessor
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
logo
STMicroelectronics
STPCINDUSTRIAL STMICROELECTRONICS-STPCINDUSTRIAL Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
logo
Intel Corporation
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
JA80386EXTC25 INTEL-JA80386EXTC25 Datasheet
591Kb / 56P
   Intel386??EX Embedded Microprocessor
logo
Feeling Technology Corp...
FM8PC71A FEELING-FM8PC71A Datasheet
68Kb / 4P
   The FM8PC71A is an 8-bit microprocessor embedded device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com