Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDRH105RNP-4R7N Arkusz danych(PDF) 1 Page - Sumida Corporation

Numer części CDRH105RNP-4R7N
Szczegółowy opis  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH105RNP-4R7N Arkusz danych(HTML) 1 Page - Sumida Corporation

  CDRH105RNP-4R7N Datasheet HTML 1Page - Sumida Corporation CDRH105RNP-4R7N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH105R
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
10.5×10.3mm Max.(L×W), 5.1mm Max. Height.
Inductance Range:0.8μH~1.0mH
Rated current range: 0.42~9.5A
In addition to the standard versions of inductors shown here, custom inductors are available
to meet your exact requirements.
Feature
Magnetically shielded construction.
Ideally used in Notebook PC, LCD TV,DVD, Game machine, STB ,Projector etc as
DC-DC Converter inductors.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Electrode
3.0±0.1
4.8±0.3
10.0±0.3
1
2
3.2


Podobny numer części - CDRH105RNP-4R7N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
CDRH105RNP-4R7N AD-CDRH105RNP-4R7N Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
CDRH105RNP-4R7N AD-CDRH105RNP-4R7N Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
logo
Sumida Corporation
CDRH105RNP-4R7NC SUMIDA-CDRH105RNP-4R7NC Datasheet
215Kb / 7P
   Ferrite drum core construction.
CDRH105RNP-4R7NC SUMIDA-CDRH105RNP-4R7NC Datasheet
212Kb / 6P
   SMD Power Inductor
More results

Podobny opis - CDRH105RNP-4R7N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com