Zakładka z wyszukiwarką danych komponentów |
|
CDRH10D48MNNP-180N Arkusz danych(PDF) 2 Page - Sumida Corporation |
|
CDRH10D48MNNP-180N Arkusz danych(HTML) 2 Page - Sumida Corporation |
2 / 2 page POWER INDUCTORS <SMD Type: CDRH Series> Type: CDRH10D48MN Please refer to the sales offices on our website for a representative near you www.sumida.com 2/2 ◆ Specification Saturation Current ( A)※1 Part Name ※ Stamp Inductance [ Within] 100kHz/1V D.C.R.(mΩ) Max.(Typ.) (at 20℃) (at20℃) (at105℃) Temperature rise current (A)※2 CDRH1ØD48MNNP-2R5N□ 2R5 2.5μH±25% 8.8(7) 10.20 7.50 8.90 CDRH1ØD48MNNP-3R7N□ 3R7 3.7μH±25% 10.0(8) 8.40 6.30 7.00 CDRH1ØD48MNNP-5R1N□ 5R1 5.1μH±25% 12.5(10) 7.40 5.60 6.30 CDRH1ØD48MNNP-6R7N□ 6R7 6.7μH±25% 17.5(14) 6.60 5.10 5.50 CDRH1ØD48MNNP-8R6N□ 8R6 8.6μH±25% 19(15) 5.80 4.40 4.80 CDRH1ØD48MNNP-1ØØN□ 100 10μH±25% 24(19) 5.10 3.90 4.20 CDRH1ØD48MNNP-12ØN□ 120 12μH±25% 33(26) 4.70 3.60 3.50 CDRH1ØD48MNNP-15ØN□ 150 15μH±25% 37(29) 4.50 3.40 3.20 CDRH1ØD48MNNP-18ØN□ 180 18μH±25% 45(36) 4.10 3.10 2.80 CDRH1ØD48MNNP-22ØN□ 220 22μH±25% 49(39) 3.70 2.90 2.60 CDRH1ØD48MNNP-27ØN□ 270 27μH±25% 58(46) 3.30 2.60 2.40 CDRH1ØD48MNNP-33ØN□ 330 33μH±25% 68(54) 3.10 2.40 2.30 CDRH1ØD48MNNP-39ØN□ 390 39μH±25% 89(71) 2.80 2.10 1.90 CDRH1ØD48MNNP-47ØN□ 470 47μH±25% 95(76) 2.60 2.00 1.80 CDRH1ØD48MNNP-56ØN□ 560 56μH±25% 117(93) 2.40 1.80 1.60 CDRH1ØD48MNNP-68ØN□ 680 68μH±25% 130(104) 2.10 1.60 1.50 CDRH1ØD48MNNP-82ØN□ 820 82μH±25% 168(134) 1.90 1.50 1.30 CDRH1ØD48MNNP-10ØN□ 101 100μH±25% 203(162) 1.70 1.30 1.20 CDRH1ØD48MNNP-121N□ 121 120μH±25% 230(184) 1.60 1.20 1.10 CDRH1ØD48MNNP-151N□ 151 150μH±25% 284(227) 1.40 1.10 0.98 CDRH1ØD48MNNP-181N□ 181 180μH±25% 367(293) 1.30 0.99 0.84 CDRH1ØD48MNNP-221N□ 221 220μH±25% 448(358) 1.20 0.91 0.75 CDRH1ØD48MNNP-271N□ 271 270μH±25% 535(428) 1.10 0.83 0.66 CDRH1ØD48MNNP-331N□ 331 330μH±25% 655(524) 0.96 0.77 0.59 CDRH1ØD48MNNP-391N□ 391 390μH±25% 790(632) 0.88 0.69 0.53 CDRH1ØD48MNNP-471N□ 471 470μH±25% 965(772) 0.80 0.62 0.49 ※ Description of part name CDRH1ØD48MNNP-2R5N□ ※ 1. Saturation current: The DC current at which the inductance decreases to 65% of it’s nominal value. ※ 2 . Temperature rise current: The DC current at which the temperature rise is △t=40℃. (Ta=20℃). B Box C Carrier Tape |
Podobny numer części - CDRH10D48MNNP-180N |
|
Podobny opis - CDRH10D48MNNP-180N |