Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDRH10D48MNNP-151N Arkusz danych(PDF) 2 Page - Sumida Corporation

Numer części CDRH10D48MNNP-151N
Szczegółowy opis  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH10D48MNNP-151N Arkusz danych(HTML) 2 Page - Sumida Corporation

  CDRH10D48MNNP-151N Datasheet HTML 1Page - Sumida Corporation CDRH10D48MNNP-151N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH10D48MN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation Current
A)※1
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at20℃)
(at105℃)
Temperature
rise current
(A)※2
CDRH1ØD48MNNP-2R5N□
2R5
2.5μH±25%
8.8(7)
10.20
7.50
8.90
CDRH1ØD48MNNP-3R7N□
3R7
3.7μH±25%
10.0(8)
8.40
6.30
7.00
CDRH1ØD48MNNP-5R1N□
5R1
5.1μH±25%
12.5(10)
7.40
5.60
6.30
CDRH1ØD48MNNP-6R7N□
6R7
6.7μH±25%
17.5(14)
6.60
5.10
5.50
CDRH1ØD48MNNP-8R6N□
8R6
8.6μH±25%
19(15)
5.80
4.40
4.80
CDRH1ØD48MNNP-1ØØN□
100
10μH±25%
24(19)
5.10
3.90
4.20
CDRH1ØD48MNNP-12ØN□
120
12μH±25%
33(26)
4.70
3.60
3.50
CDRH1ØD48MNNP-15ØN□
150
15μH±25%
37(29)
4.50
3.40
3.20
CDRH1ØD48MNNP-18ØN□
180
18μH±25%
45(36)
4.10
3.10
2.80
CDRH1ØD48MNNP-22ØN□
220
22μH±25%
49(39)
3.70
2.90
2.60
CDRH1ØD48MNNP-27ØN□
270
27μH±25%
58(46)
3.30
2.60
2.40
CDRH1ØD48MNNP-33ØN□
330
33μH±25%
68(54)
3.10
2.40
2.30
CDRH1ØD48MNNP-39ØN□
390
39μH±25%
89(71)
2.80
2.10
1.90
CDRH1ØD48MNNP-47ØN□
470
47μH±25%
95(76)
2.60
2.00
1.80
CDRH1ØD48MNNP-56ØN□
560
56μH±25%
117(93)
2.40
1.80
1.60
CDRH1ØD48MNNP-68ØN□
680
68μH±25%
130(104)
2.10
1.60
1.50
CDRH1ØD48MNNP-82ØN□
820
82μH±25%
168(134)
1.90
1.50
1.30
CDRH1ØD48MNNP-10ØN□
101
100μH±25%
203(162)
1.70
1.30
1.20
CDRH1ØD48MNNP-121N□
121
120μH±25%
230(184)
1.60
1.20
1.10
CDRH1ØD48MNNP-151N□
151
150μH±25%
284(227)
1.40
1.10
0.98
CDRH1ØD48MNNP-181N□
181
180μH±25%
367(293)
1.30
0.99
0.84
CDRH1ØD48MNNP-221N□
221
220μH±25%
448(358)
1.20
0.91
0.75
CDRH1ØD48MNNP-271N□
271
270μH±25%
535(428)
1.10
0.83
0.66
CDRH1ØD48MNNP-331N□
331
330μH±25%
655(524)
0.96
0.77
0.59
CDRH1ØD48MNNP-391N□
391
390μH±25%
790(632)
0.88
0.69
0.53
CDRH1ØD48MNNP-471N□
471
470μH±25%
965(772)
0.80
0.62
0.49
Description of part name
CDRH1ØD48MNNP-2R5N□
1. Saturation current: The DC current at which the inductance decreases to 65% of it’s nominal
value.
2
. Temperature rise current: The DC current at which the temperature rise is △t=40℃.
(Ta=20℃).
B Box
C Carrier Tape


Podobny numer części - CDRH10D48MNNP-151N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDRH10D48/A SUMIDA-CDRH10D48/A Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
CDRH10D48/AA SUMIDA-CDRH10D48/AA Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
CDRH10D48/AANP-100N SUMIDA-CDRH10D48/AANP-100N Datasheet
228Kb / 2P
   Magnetically shielded construction
CDRH10D48/AANP-100NC SUMIDA-CDRH10D48/AANP-100NC Datasheet
243Kb / 4P
   SMD Power Inductor
CDRH10D48/AANP-101N SUMIDA-CDRH10D48/AANP-101N Datasheet
228Kb / 2P
   Magnetically shielded construction
More results

Podobny opis - CDRH10D48MNNP-151N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com