Zakładka z wyszukiwarką danych komponentów |
|
MCZ34701EWR2 Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc |
|
MCZ34701EWR2 Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc |
8 / 39 page Analog Integrated Circuit Device Data 8 Freescale Semiconductor 34701 ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS BUCK CONVERTER (CONTINUED) High Side Power MOSFET Q1 RDS(ON)(9), (10) ID = 500mA, TA = 25°C, VBST = 8.0V RDS(ON)Q1 –60 – m Ω Low Side Power MOSFET Q2 RDS(ON)(9), (10) ID = 500mA, TA = 25°C, VBST = 8.0V RDS(ON)Q2 –65 – m Ω Buck Converter Peak Current Limit (High Level) ILIMH -4.0 -2.7 -1.5 A VOUT Pull-down MOSFET Q3 Current Limit TA = 25°C, VBST = 8.0V ILIMPQ3 0.75 – 2.0 A VOUT Pull-down MOSFET Q3 RDS(ON) (10) ID = 1.0A, VBST = 8.0V RDS(ON)PQ3 –– 1.9 Ω Thermal Shutdown (VOUT Pull-down MOSFET Q3)(9) TSD 150 170 190 °C Thermal Shutdown Hysteresis (9) THYS –10 – °C Notes 9. Design information only. This parameter is not production tested. 10. ID is the MOSFET drain current. Table 3. Static Electrical Characteristics (continued) Characteristics noted under conditions -40°C ≤ TA ≤ 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3V using the typical application circuit (see Figure 33), unless otherwise noted. Characteristic Symbol Min Typ Max Unit |
Podobny numer części - MCZ34701EWR2 |
|
Podobny opis - MCZ34701EWR2 |