Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

J10103L Arkusz danych(PDF) 2 Page - Sumida Corporation

Numer części J10103L
Szczegółowy opis  ADSL Transformer< SMD Type: CEP Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

J10103L Arkusz danych(HTML) 2 Page - Sumida Corporation

  J10103L Datasheet HTML 1Page - Sumida Corporation J10103L Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADSL Transformer< SMD Type: CEP Series>
Type: CEP911
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
Part No.
Inductance
(nom. µH)
Turns ratio
THD (dB) (TYP.)
Insulation
Application
J10103L
750
0.95:1
Basic
ADSL CO
J10104L
85
0.95:1
Basic
ADSL CO
J10107L
1000
0.9:1
-82.8 (25k,2.0V)
Basic
ADSL CO
J10149
1200
2.3:1
-94.4 (40k,4V)
Supplementary
ADSL CO
J10163
1500
2:1
-78 (30k,5.3V)
Supplementary
ADSL CO
J10177
400
1:1.4
-93.4 (40k,2V)
Supplementary
ADSL CO
J10179
100
2:1
-85 (100k,2.55V)
Supplementary
ADSL CO
J10181
400
1.4:1
-93.4 (40k,2V)
Supplementary
ADSL CO
J10217
1200
3:1
-96 (40k,2V)
Basic
ADSL CPE
J10218
400
1.41:1
-93 (40k,2V)
Basic
ADSL CPE
J14103
800
2:1
-80.0 (50K,5V)
Basic
VDSL
J14106
470
1.33:1
-76.8(25K,2.0V)
Functional
VDSL
J14110
450
2:1
-73 (50k,5V)
Supplementary
VDSL
J14116
470
1.33:1
-76 (25k,2V)
Supplementary
VDSL


Podobny numer części - J10103L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
J101118 E-SWITCH-J101118 Datasheet
57Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
Pulse A Technitrol Comp...
J1011F01P PULSE-J1011F01P Datasheet
200Kb / 5P
   integrated magnetics connector
J1011F01PNL PULSE-J1011F01PNL Datasheet
200Kb / 5P
   integrated magnetics connector
J1011F01PNL PULSE-J1011F01PNL Datasheet
1Mb / 5P
   1x1 Tab-UP RJ45
J1011F21P PULSE-J1011F21P Datasheet
200Kb / 5P
   integrated magnetics connector
More results

Podobny opis - J10103L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CEP710B SUMIDA-CEP710B Datasheet
115Kb / 1P
   ADSL Transformer
CEP1010 SUMIDA-CEP1010 Datasheet
148Kb / 1P
   ADSL Transformer< SMD Type: CEP Series>
CEP1311C SUMIDA-CEP1311C Datasheet
141Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP79 SUMIDA-CEP79 Datasheet
41Kb / 1P
   ADSL Transformer< SMD Type: CEP Series>
CEP1311E SUMIDA-CEP1311E Datasheet
183Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP710 SUMIDA-CEP710 Datasheet
173Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP711 SUMIDA-CEP711 Datasheet
108Kb / 1P
   ADSL Transformer
CEP1311 SUMIDA-CEP1311 Datasheet
152Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP78B SUMIDA-CEP78B Datasheet
47Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP912 SUMIDA-CEP912 Datasheet
43Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com