Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AS876DWRE4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74AS876DWRE4
Szczegółowy opis  DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AS876DWRE4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74AS876DWRE4 Datasheet HTML 3Page - Texas Instruments SN74AS876DWRE4 Datasheet HTML 4Page - Texas Instruments SN74AS876DWRE4 Datasheet HTML 5Page - Texas Instruments SN74AS876DWRE4 Datasheet HTML 6Page - Texas Instruments SN74AS876DWRE4 Datasheet HTML 7Page - Texas Instruments SN74AS876DWRE4 Datasheet HTML 8Page - Texas Instruments SN74AS876DWRE4 Datasheet HTML 9Page - Texas Instruments SN74AS876DWRE4 Datasheet HTML 10Page - Texas Instruments SN74AS876DWRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN54ALS874B, SN74ALS874B, SN74ALS876A
SN74AS874, SN74AS876
DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SDAS061C – APRIL 1982 – REVISED JANUARY 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX†
UNIT
SN74AS874
MIN
MAX
fmax
125
MHz
tPLH
CLK
An Q
3
8.5
ns
tPHL
CLK
Any Q
4
10.5
ns
tPHL
CLR
Any Q
4
9.5
ns
tPZH
OE
An Q
2
7
ns
tPZL
OE
Any Q
3
10.5
ns
tPHZ
OE
Any Q
2
6
ns
tPLZ
OE
Any Q
2
7.5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX†
UNIT
SN74AS876
MIN
MAX
fmax
80
MHz
tPLH
CLK
An Q
3
8.5
ns
tPHL
CLK
Any Q
4
10.5
ns
tPHL
PRE
Any Q
4
9.5
ns
tPZH
OE
An Q
2
7
ns
tPZL
OE
Any Q
3
11
ns
tPHZ
OE
Any Q
2
7
ns
tPLZ
OE
Any Q
2
7
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Podobny numer części - SN74AS876DWRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AS876DWRE4 TI-SN74AS876DWRE4 Datasheet
582Kb / 20P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
More results

Podobny opis - SN74AS876DWRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ALS874B TI-SN54ALS874B_08 Datasheet
582Kb / 20P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54ALS874B TI-SN54ALS874B Datasheet
143Kb / 9P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
[Old version datasheet]   Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com