Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ629 Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części 2SJ629
Szczegółowy opis  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ629 Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  2SJ629 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ629 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ629 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ629 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ629
No.9084-3/4
100ms
DC
operation
1ms
10ms
2
3
2
3
5
7
2
3
5
7
2
3
5
7
--10
--1.0
--0.1
--0.01
23
5 7
23
5 7
23
5 7
2
--0.01
--0.1
--1.0
--10
IT10076
Operation in this
area is limited by RDS(on).
ID= --4.5A
IDP= --18A
10µ
s
100
µs
01234567
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
0
--2
--4
--6
--8
--10
--12
100
1000
7
5
3
2
7
5
3
--0.1
23
5
7
23
5
7
--1.0
VGS -- Qg
IT10075
A S O
SW Time -- ID
VDD= --6V
VGS= --4.5V
td(on)
td(off)
t r
tf
IT04331
Ciss, Coss, Crss -- VDS
IT04329
--0.1
23
5
7
23
5
7
--1.0
1.0
10
7
5
7
5
3
2
3
2
100
10
7
5
3
2
5
3
2
yfs -- ID
VDS= --6V
75°
C
Ta=
--25
°C
IT04330
--0.4
--0.6
--0.8
--1.0
--1.2
--0.1
--1.0
--10
7
5
3
2
7
5
3
2
IS -- VSD
VGS=0V
f=1MHz
Ciss
Coss
Crss
IT04332
VDS= --6V
ID= --4.5A
25°
C
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Tc=25
°C
Single pulse
50
100
150
200
250
300
0
--60
--40
--20
0
20
40
60
80
100
120
140
160
RDS(on) -- VGS
IT10073
0
RDS(on) -- Ta
IT10074
0
--1
--2
--3
--4
--5
--6
--7
--8
50
100
150
200
250
Ta=25
°C
--2.2A
ID= --1.1A
ID=
--0.5A,
VGS
= --1.8V
ID= -
-1.1A,
VGS=
--2.5V
ID= --2.2A,
VGS= -
-4.5V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C


Podobny numer części - 2SJ629

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SJ620 TOSHIBA-2SJ620 Datasheet
225Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-?-MOSV)
2SJ620 TOSHIBA-2SJ620 Datasheet
191Kb / 6P
   Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SJ620 TOSHIBA-2SJ620 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ620 TOSHIBA-2SJ620_06 Datasheet
191Kb / 6P
   Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
More results

Podobny opis - 2SJ629

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com