Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1T45GW Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74AUP1T45GW
Szczegółowy opis  Low-power dual supply translating transceiver; 3-state
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1T45GW Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP1T45GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
74AUP1T45_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 18 October 2006
6 of 33
NXP Semiconductors
74AUP1T45
Low-power dual supply translating transceiver; 3-state
IOZ
OFF-state output
current
A or B port; VI = VIH or VIL; VO = 0 V to VCCO;
VCC(A) =VCC(B) = 1.1 V to 3.6 V
[2] --
±0.1
µA
IOFF
power-off
leakage current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) = 1.1 V to 3.6 V
--
±0.2
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V; VCC(A) = 1.1 V to 3.6 V
--
±0.2
µA
DIR input; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) = 1.1 V to 3.6 V
--
±0.2
µA
∆IOFF
additional
power-off
leakage current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) = 0 V to 0.2 V; VCC(B) = 1.1 V to 3.6 V
--
±0.2
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) = 0 V to 0.2 V; VCC(A) = 1.1 V to 3.6 V
--
±0.2
µA
DIR input; VI or VO = 0 V to 3.6 V;
VCC(A) = 0 V to 0.2 V; VCC(B) = 1.1 V to 3.6 V
--
±0.2
µA
ICC
supply current
A port; VI = GND or VCCI; IO = 0 A
[1]
VCC(A) = VCC(B) = 1.1 V to 3.6 V
-
-
0.5
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
-
0.5
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
-
0
-
µA
B port; VI = GND or VCCI; IO = 0 A
[1]
VCC(A) = VCC(B) = 1.1 V to 3.6 V
-
-
0.5
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
0
-
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
-
-
0.5
µA
A plus B port (ICC(A) + ICC(B)); IO = 0 A;
VI = GND or VCCI;
VCC(A) =VCC(B) = 1.1 V to 3.6 V
[1] -
-
0.5
µA
∆I
CC
additional supply
current
A port; VCC(A) = VCC(B) = 3.3 V;
AportatVCC(A) − 0.6 V;
DIR at VCC(A); B port = open
--
40
µA
B port; VCC(A) = VCC(B) = 3.3 V;
BportatVCC(B) − 0.6 V;
DIR at GND; A port = open
--
40
µA
DIR input; VCC(A) = VCC(B) = 3.3 V;
AportatVCC(A) or GND; B port = open;
DIR at VCC(A) − 0.6 V
--
40
µA
CI
input
capacitance
DIR input; VI = GND or VCC(A);
VCC(A) =VCC(B) = 1.1 V to 3.6 V
-
0.9
-
pF
CI/O
input/output
capacitance
A and B port; suspend mode; VCCI = 0 V;
VCCO = 1.1 V to 3.6 V; VO =VCCO or GND
[1][2] -
2.0
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Podobny numer części - 74AUP1T45GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1T45GW NXP-74AUP1T45GW Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
logo
Nexperia B.V. All right...
74AUP1T45GW NEXPERIA-74AUP1T45GW Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
More results

Podobny opis - 74AUP1T45GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
   Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com