Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDC1016J7CX Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części TDC1016J7CX
Szczegółowy opis  Video Speed D/A Converter 10-Bit, 20 Msps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TDC1016J7CX Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button TDC1016J7CX Datasheet HTML 2Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 3Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 4Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 5Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 6Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 7Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 8Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 9Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TDC1016
PRODUCT SPECIFICATION
6
AC Electrical Characteristics
Timing Diagram
Figure 1. Timing Diagram
System Performance Characteristics
Note:
1. In excess of theoretical DP and DG due to quantizing error.
Symbol
Parameter
Test Conditions
Temperature Range
Unit
Standard
Extended
Min.
Max.
Min.
Max.
FC
Maximum Data Rate
TTL Mode Full-Scale Output Step
20
20
MSPS
ECL Mode Full-Scale Output Step
17.8
17.8
MSPS
tDS
Data Turn on Delay
RL = 75 Ohms
30
30
ns
tSET
Settling Time
TDC1016-8 to 0.2%
30
30
ns
TDC1016-9 to 0.1%
35
35
ns
TDC1016-10 to .05%
40
40
ns
tRV
Output 10% to 90%
Risetime
VEE = Nom., RL = 75
W,
Full-Scale Step
5.5
5.5
ns
Parameter
Test Conditions
Temperature Range
Unit
Standard
Extended
Min.
Max.
Min.
Max.
RES
Resolution
All TDC1016 Devices
10
10
Bits
ELI, ELD
Linearity Error Integral and
Differential, Independent
Based
TDC1016-8
0.2
0.2
% FS
TDC1016-9
0.1
0.1
% FS
TDC1016-10
0.075
% FS
VOFS
Full-Scale Output Voltage
VEE = Nom, RL
³ 10kW,
VREF = -1.000V
-0.95
-1.05
-0.95
-1.05
V
VOZS
Zero-Scale Output Voltage
VEE = Nom, RL
³ 10 kW,
VREF = -1.000V
±15
±15
mV
DP
Differential Phase
NTSC 4x Subcarrier1
1.0
1.0
Degrees
DG
Differential Gain
NTSC 4x subcarrier1
1.5
1.5
%
GE
Glitch Energy (Area)
RL = 50
W, Midscale
125
125
pV-sec
GV
Glitch Voltage
RL = 50
W, Midscale
35
35
mV
DATA
CONTROLS
CLOCK
1CLOCK
OUTPUT
NOTE: 1. Differential ECL mode only
tS
tH
tPWL
tPWH
tDS
tSET
±1/2 LSB
±1/2 LSB
65-1016-06


Podobny numer części - TDC1016J7CX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TDC1011 TI-TDC1011 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011PW TI-TDC1011PW Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
More results

Podobny opis - TDC1016J7CX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
HI1172 INTERSIL-HI1172 Datasheet
60Kb / 7P
   6-Bit, 20 MSPS,Video A/D Converter (CMOS)
August 1997
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Intersil Corporation
HI5735 INTERSIL-HI5735 Datasheet
136Kb / 12P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
January 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com