Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC377MTC Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części 74AC377MTC
Szczegółowy opis  Octal D-Type Flip-Flop with Clock Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC377MTC Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button 74AC377MTC Datasheet HTML 4Page - Fairchild Semiconductor 74AC377MTC Datasheet HTML 5Page - Fairchild Semiconductor 74AC377MTC Datasheet HTML 6Page - Fairchild Semiconductor 74AC377MTC Datasheet HTML 7Page - Fairchild Semiconductor 74AC377MTC Datasheet HTML 8Page - Fairchild Semiconductor 74AC377MTC Datasheet HTML 9Page - Fairchild Semiconductor 74AC377MTC Datasheet HTML 10Page - Fairchild Semiconductor 74AC377MTC Datasheet HTML 11Page - Fairchild Semiconductor 74AC377MTC Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC377, 74ACT377 Rev. 1.6.1
8
AC Electrical Characteristics for ACT
Note:
8. Voltage Range 5.0 is 5.0V ± 0.5V
AC Operating Requirements for ACT
Note:
9. Voltage Range 5.0 is 5.0V ± 0.5V
Capacitance
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock
Frequency
5.0
140
175
125
MHz
tPLH
Propagation Delay,
CP to Qn
5.0
3.0
6.5
9.0
2.5
10.0
ns
tPHL
Propagation Delay,
CP to Qn
5.0
3.5
7.0
10.0
2.5
11.0
ns
Symbol
Parameter
VCC (V)
(9)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to CP
5.0
2.5
4.5
5.5
ns
tH
Hold Time, HIGH or LOW,
Dn to CP
5.0
–1.0
1.0
1.0
ns
tS
Setup Time, HIGH or LOW,
CE to CP
5.0
2.5
4.5
5.5
ns
tH
Hold Time, HIGH or LOW,
CE to CP
5.0
–1.0
1.0
1.0
ns
tW
CP Pulse Width,
HIGH or LOW
5.0
2.0
4.0
4.5
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
90.0
pF


Podobny numer części - 74AC377MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC377MTC FAIRCHILD-74AC377MTC Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74AC377MTCX FAIRCHILD-74AC377MTCX Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74AC377MTCX_NL FAIRCHILD-74AC377MTCX_NL Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results

Podobny opis - 74AC377MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
logo
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com