Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3110KRZ-RL1 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADP3110KRZ-RL1
Szczegółowy opis  Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3110KRZ-RL1 Arkusz danych(HTML) 1 Page - Analog Devices

  ADP3110KRZ-RL1 Datasheet HTML 1Page - Analog Devices ADP3110KRZ-RL1 Datasheet HTML 2Page - Analog Devices ADP3110KRZ-RL1 Datasheet HTML 3Page - Analog Devices ADP3110KRZ-RL1 Datasheet HTML 4Page - Analog Devices ADP3110KRZ-RL1 Datasheet HTML 5Page - Analog Devices ADP3110KRZ-RL1 Datasheet HTML 6Page - Analog Devices ADP3110KRZ-RL1 Datasheet HTML 7Page - Analog Devices ADP3110KRZ-RL1 Datasheet HTML 8Page - Analog Devices ADP3110KRZ-RL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Dual Bootstrapped, 12 V MOSFET
Driver with Output Disable
ADP3110
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
All-in-one synchronous buck driver
Bootstrapped high-side drive
One PWM signal generates both drives
Anticross-conduction protection circuitry
Output disable control turns off both MOSFETs to float
output per Intel® VRM 10 specification
APPLICATIONS
Multiphase desktop CPU supplies
Single-supply synchronous buck converters
GENERAL DESCRIPTION
The ADP3110 is a dual, high voltage MOSFET driver optimized
for driving two N-channel MOSFETs, which are the two
switches in a nonisolated synchronous buck power converter.
Each of the drivers is capable of driving a 3000 pF load with a
25 ns propagation delay and a 30 ns transition time. One of the
drivers can be bootstrapped and is designed to handle the high
voltage slew rate associated with floating high-side gate drivers.
The ADP3110 includes overlapping drive protection to prevent
shoot-through current in the external MOSFETs.
The OD pin shuts off both the high-side and the low-side
MOSFETs to prevent rapid output capacitor discharge during
system shutdown.
The ADP3110 is specified over the commercial temperature
range of 0°C to 85°C and is available in an 8-lead SOIC_N
package.
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
2
3
OD
IN
ADP3110
VCC
BST
DRVH
SW
DRVL
PGND
DELAY
VCC
6
DELAY
CMP
CMP
1V
4
1
7
CONTROL
LOGIC
6
5
8
RBST
RG
CBST1
D1
CBST2
12V
Q1
TO
INDUCTOR
Q2
Figure 1.


Podobny numer części - ADP3110KRZ-RL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADP3110KRZ-RL ONSEMI-ADP3110KRZ-RL Datasheet
257Kb / 11P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 2
More results

Podobny opis - ADP3110KRZ-RL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com