Zakładka z wyszukiwarką danych komponentów |
|
SN74CBT3253DBQRE4 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
SN74CBT3253DBQRE4 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 16 page SN74CBT3253 DUAL 1OF4 FET MULTIPLEXER/DEMULTIPLEXER SCDS018O − MAY 1995 − REVISED JANUARY 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 7 V Open GND 500 Ω 500 Ω TEST tpd tPLZ/tPZL tPHZ/tPZH S1 Open 7 V Open tPLH tPHL Output Control (low-level enabling) Output Waveform 1 S1 at 7 V (see Note B) Output Waveform 2 S1 at Open (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ 3 V 0 V VOH VOL 0 V VOL + 0.3 V VOH − 0.3 V 0 V Input 3 V 3.5 V VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES Output NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. D. The outputs are measured one at a time with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. tPHL and tPLH are the same as tpd. H. All parameters and waveforms are not applicable to all devices. 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V Figure 1. Load Circuit and Voltage Waveforms |
Podobny numer części - SN74CBT3253DBQRE4 |
|
Podobny opis - SN74CBT3253DBQRE4 |