Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVTH652PWG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74LVTH652PWG4
Szczegółowy opis  3.3V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH652PWG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74LVTH652PWG4 Datasheet HTML 3Page - Texas Instruments SN74LVTH652PWG4 Datasheet HTML 4Page - Texas Instruments SN74LVTH652PWG4 Datasheet HTML 5Page - Texas Instruments SN74LVTH652PWG4 Datasheet HTML 6Page - Texas Instruments SN74LVTH652PWG4 Datasheet HTML 7Page - Texas Instruments SN74LVTH652PWG4 Datasheet HTML 8Page - Texas Instruments SN74LVTH652PWG4 Datasheet HTML 9Page - Texas Instruments SN74LVTH652PWG4 Datasheet HTML 10Page - Texas Instruments SN74LVTH652PWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SN54LVTH652, SN74LVTH652
3.3V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCBS706F − AUGUST 1997 − REVISED OCTOBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 2)
SN54LVTH652
SN74LVTH652
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
150
MHz
tw
Pulse duration, CLK high or low
3.3
3.3
3.3
3.3
ns
tsu
Setup time,
Data high
1.3
1.6
1.2
1.5
ns
tsu
Setup time,
A or B before CLKAB
↑ or CLKBA↑
Data low
1.9
2.6
1.6
2.2
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
1.2
1.2
0.8
0.8
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 2)
SN54LVTH652
SN74LVTH652
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
fmax
150
150
150
150
MHz
tPLH
CLKBA or
A or B
1.7
5
5.9
1.8
3.1
4.7
5.6
ns
tPHL
CLKBA or
CLKAB
A or B
1.7
5
5.9
1.8
3.1
4.7
5.6
ns
tPLH
A or B
B or A
1.2
3.7
4.3
1.3
2.3
3.5
4.1
ns
tPHL
A or B
B or A
1.2
3.7
4.3
1.3
2.4
3.5
4.1
ns
tPLH
SBA or SAB‡
A or B
1.4
5.2
6.3
1.5
3.1
4.9
6
ns
tPHL
SBA or SAB‡
A or B
1.4
5.2
6.3
1.5
3.4
4.9
6
ns
tPZH
OEBA
A
1
5.4
6.7
1.1
2.9
5.2
6.5
ns
tPZL
OEBA
A
1
5.4
6.7
1.1
3.1
5.2
6.5
ns
tPHZ
OEBA
A
2.2
5.9
6.5
2.3
3.5
5.5
6.1
ns
tPLZ
OEBA
A
2.2
5.9
6.3
2.3
3.7
5.5
5.9
ns
tPZH
OEAB
B
1.2
4.9
5.9
1.3
3
4.7
5.7
ns
tPZL
OEAB
B
1.2
4.9
5.9
1.3
3.3
4.7
5.7
ns
tPHZ
OEAB
B
1.4
5.8
7
1.5
3.6
5.6
6.7
ns
tPLZ
OEAB
B
1.4
5.9
6.6
1.5
3.7
5.6
6.3
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ These parameters are measured with the internal output state of the storage register opposite that of the bus input.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Podobny numer części - SN74LVTH652PWG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVTH652PW TI-SN74LVTH652PW Datasheet
151Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74LVTH652PWG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54LVT646 TI-SN54LVT646 Datasheet
155Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI-SN54LVTH646 Datasheet
137Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI1-SN54LVTH646_15 Datasheet
936Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVT652 TI-SN74LVT652 Datasheet
179Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH652 TI-SN54LVTH652 Datasheet
151Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT2952 TI-SN54LVT2952 Datasheet
151Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT646 TI1-SN54LVT646_14 Datasheet
386Kb / 18P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT2952 TI1-SN54LVT2952_14 Datasheet
250Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH2952 TI-SN54LVTH2952 Datasheet
124Kb / 8P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT652 TI1-SN54LVT652 Datasheet
279Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com