Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9897HL Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA9897HL
Szczegółowy opis  Multistandard hybrid IF processing
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA9897HL Datasheet HTML 1Page - NXP Semiconductors TDA9897HL Datasheet HTML 2Page - NXP Semiconductors TDA9897HL Datasheet HTML 3Page - NXP Semiconductors TDA9897HL Datasheet HTML 4Page - NXP Semiconductors TDA9897HL Datasheet HTML 5Page - NXP Semiconductors TDA9897HL Datasheet HTML 6Page - NXP Semiconductors TDA9897HL Datasheet HTML 7Page - NXP Semiconductors TDA9897HL Datasheet HTML 8Page - NXP Semiconductors TDA9897HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 103 page
background image
TDA9897_TDA9898_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 January 2008
2 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
I Optimized AGC modes for negative modulation; e.g. very fast reaction time for VIF and
SIF
I Precise fully digital Automatic Frequency Control (AFC) detector with 4-bit
Digital-to-Analog Converter (DAC); AFC bits can be read-out via I2C-bus
I High precise Tuner AGC (TAGC) TakeOver Point (TOP) for negative modulated
standards; TOP adjust via I2C-bus
I TAGC TOP for positive standards and Received Signal Strength Indication (RSSI);
adjustable via I2C-bus or alternatively by potentiometer
I Fully integrated Sound Carrier (SC) trap for any ATV standard (SC at 4.5 MHz,
5.5 MHz, 6.0 MHz and 6.5 MHz)
I SIF AGC for gain controlled SIF amplifier and high-performance single-reference
Quasi Split Sound (QSS) mixer
I Fully integrated sound BP filter supporting any ATV standard
I Optional use of external FM sound BP filter
I AM sound demodulation for L and L-accent standard
I Alignment-free selective FM Phase-Locked Loop (PLL) demodulator with high linearity
and low noise; external FM input
I VIF AGC voltage monitor output or port function
I VIF AFC current or tuner, SIF or FM AGC voltage monitor output
I 2nd SIF output, gain controlled by internal SIF AGC or by internal FM carrier AGC for
Digital Signal Processor (DSP)
I Fully integrated BP filter for 2nd SIF at 4.5 MHz, 5.5 MHz, 6.0 MHz or 6.5 MHz
2.3 Digital TV processing
I Applicable for terrestrial and cable TV reception
I 70 dB variable gain wide-band IF amplifier (AC-coupled)
I Gain control via external control voltage (0 V to 3 V)
I 2 V (p-p) differential low IF (downconverted) output or 1 V (p-p) 1st IF output for direct
Analog-to-Digital Converter (ADC) interfacing
I DVB downconversion with integrated selectivity for Low IF (LIF)/Zero IF (ZIF)
I Integrated anti-aliasing tracking low-pass filter
I Fully integrated synthesizer controlled oscillator with excellent phase noise
performance
I Synthesizer frequencies for a wide range of world wide DVB standards (for IF center
frequencies of 34.5 MHz, 36 MHz, 44 MHz and 57 MHz)
I All DVB bandwidth ranges supported (including ZIF I/Q)
I TAGC detector for independent tuner gain control loop applications
I TAGC operating as peak detector, fast reaction time due to additional speed-up
detector
I Port function
I TAGC voltage monitor output


Podobny numer części - TDA9897HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9897HL/V3 NXP-TDA9897HL/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
More results

Podobny opis - TDA9897HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9899 NXP-TDA9899 Datasheet
511Kb / 103P
   Multistandard hybrid IF processing including car mobile
Rev. 03-15 January 2008
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
List of Unclassifed Man...
K7252M ETC1-K7252M Datasheet
112Kb / 8P
   IF Filter intercarrier/Multistandard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com