Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9898HN Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA9898HN
Szczegółowy opis  Multistandard hybrid IF processing
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9898HN Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA9898HN Datasheet HTML 2Page - NXP Semiconductors TDA9898HN Datasheet HTML 3Page - NXP Semiconductors TDA9898HN Datasheet HTML 4Page - NXP Semiconductors TDA9898HN Datasheet HTML 5Page - NXP Semiconductors TDA9898HN Datasheet HTML 6Page - NXP Semiconductors TDA9898HN Datasheet HTML 7Page - NXP Semiconductors TDA9898HN Datasheet HTML 8Page - NXP Semiconductors TDA9898HN Datasheet HTML 9Page - NXP Semiconductors TDA9898HN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
TDA9897_TDA9898_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 January 2008
6 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
[1]
Values of video and sound parameters can be decreased at VP = 4.5 V.
[2]
AC load; CL < 20 pF and RL >1kΩ. The sound carrier frequencies (depending on TV standard) are attenuated by the integrated sound
carrier traps.
[3]
The sound carrier trap can be bypassed by setting the I2C-bus bit W2[0] to logic 0; see Table 24. In this way the full composite video
spectrum appears at pin CVBS. The video amplitude is reduced to 1.1 V (p-p).
[4]
Condition: luminance range (5 steps) from 0 % to 100 %. Measurement value is based on 4 of 5 steps.
[5]
Measurement using 200 kHz high-pass filter, 5 MHz low-pass filter and subcarrier notch filter (
“ITU-T J.64”).
[6]
To match the AFC output signal to different tuning systems a current output is provided. The test circuit is given in Figure 19. The
AFC steepness can be changed by resistors R1 and R2.
ϕ
n(synth)
synthesizer phase noise
with 4 MHz crystal oscillator
reference; fsynth = 31 MHz;
fIF =36MHz
at 1 kHz
[8] 89
99
-
dBc/Hz
at 10 kHz
[8] 89
99
-
dBc/Hz
at 100 kHz
[8] 98
102
-
dBc/Hz
at 1.4 MHz
[8] 115
119
-
dBc/Hz
αripple(pb)LIF low IF pass-band ripple
6 MHz bandwidth
-
-
2.7
dB
7 MHz bandwidth
-
-
2.7
dB
8 MHz bandwidth
-
-
2.7
dB
αstpb
stop-band attenuation
8 MHz band; f = 15.75 MHz
30
40
-
dB
αimage
image rejection
−10 MHz to 0 MHz; BP on
30
34
-
dB
C/N
carrier-to-noise ratio
at fo = 4.9 MHz;
Vi(IF) = 10 mV (RMS);
see Figure 37
[8][9][10] 112
118
-
dBc/Hz
Digital zero IF
Vo(dif)(p-p)
peak-to-peak differential output
voltage
between pin OUT1A and
pin OUT1B or between
pin OUT2A and pin OUT2B;
W4[7] = 0
[7] -2
-V
GIF(max)
maximum IF gain
output peak-to-peak level to
input RMS level ratio
[8] -89
-
dB
GIF(cr)
control range IF gain
[8] 60
66
-
dB
fsynth
synthesizer frequency
see Table 35 and Table 36
---MHz
ϕn(synth)
synthesizer phase noise
with 4 MHz crystal oscillator
reference; fsynth = 31 MHz;
fIF =36MHz
at 1 kHz
[8] 89
99
-
dBc/Hz
at 10 kHz
[8] 89
99
-
dBc/Hz
at 100 kHz
[8] 98
102
-
dBc/Hz
at 1.4 MHz
[8] 115
119
-
dBc/Hz
Reference frequency input from external source
fref
reference frequency
W7[7] = 0
[11] -4
-MHz
Vref(RMS)
RMS reference voltage
W7[7] = 0; see Figure 34
and Figure 46
15
150
500
mV
Table 1.
Quick reference data …continued
VP =5V; Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Podobny numer części - TDA9898HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9898HN/V3 NXP-TDA9898HN/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
More results

Podobny opis - TDA9898HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9899 NXP-TDA9899 Datasheet
511Kb / 103P
   Multistandard hybrid IF processing including car mobile
Rev. 03-15 January 2008
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
List of Unclassifed Man...
K7252M ETC1-K7252M Datasheet
112Kb / 8P
   IF Filter intercarrier/Multistandard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com