Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT4017 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74HCT4017
Szczegółowy opis  Johnson decade counter with 10 decoded outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4017 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74HCT4017 Datasheet HTML 1Page - NXP Semiconductors 74HCT4017 Datasheet HTML 2Page - NXP Semiconductors 74HCT4017 Datasheet HTML 3Page - NXP Semiconductors 74HCT4017 Datasheet HTML 4Page - NXP Semiconductors 74HCT4017 Datasheet HTML 5Page - NXP Semiconductors 74HCT4017 Datasheet HTML 6Page - NXP Semiconductors 74HCT4017 Datasheet HTML 7Page - NXP Semiconductors 74HCT4017 Datasheet HTML 8Page - NXP Semiconductors 74HCT4017 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1.
General description
The 74HC4017; 74HCT4017 is a high-speed Si-gate CMOS device and is pin compatible
with the HEF4017.
The 74HC4017; 74HCT4017 is a 5-stage Johnson decade counter with 10 decoded active
HIGH outputs (Q0 to Q9), an active LOW output from the most significant flip-flop (Q5-9),
active HIGH and active LOW clock inputs (CP0 and CP1) and an overriding asynchronous
master reset input (MR).
The counter is advanced by either a LOW-to-HIGH transition at CP0 while CP1 is LOW or
a HIGH-to-LOW transition at CP1 while CP0 is HIGH (see Table 3).
When cascading counters, the Q5-9 output, which is LOW while the counter is in states 5,
6, 7, 8 and 9, can be used to drive the CP0 input of the next counter.
A HIGH on MR resets the counter to zero (Q0 = Q5-9 = HIGH; Q1 to Q9 = LOW)
independent of the clock inputs (CP0 and CP1).
Automatic code correction of the counter is provided by an internal circuit: following any
illegal code the counter returns to a proper counting mode within 11 clock pulses.
2.
Features
s Multiple package options
s Complies with JEDEC standard no. 7 A
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
s Specified from
−40 °Cto+85 °C and from −40 °C to +125 °C
74HC4017; 74HCT4017
Johnson decade counter with 10 decoded outputs
Rev. 03 — 8 January 2008
Product data sheet


Podobny numer części - 74HCT4017

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT4017 PHILIPS-74HCT4017 Datasheet
86Kb / 12P
   Johnson decade counter with 10 decoded outputs
December 1990
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
74HCT4017-Q100 NEXPERIA-74HCT4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
74HCT4017BQ NEXPERIA-74HCT4017BQ Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
74HCT4017BQ-Q100 NEXPERIA-74HCT4017BQ-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
More results

Podobny opis - 74HCT4017

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HC4017 PHILIPS-74HC4017 Datasheet
86Kb / 12P
   Johnson decade counter with 10 decoded outputs
December 1990
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com