Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA201 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BTA201
Szczegółowy opis  1 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA201 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BTA201 Datasheet HTML 1Page - NXP Semiconductors BTA201 Datasheet HTML 2Page - NXP Semiconductors BTA201 Datasheet HTML 3Page - NXP Semiconductors BTA201 Datasheet HTML 4Page - NXP Semiconductors BTA201 Datasheet HTML 5Page - NXP Semiconductors BTA201 Datasheet HTML 6Page - NXP Semiconductors BTA201 Datasheet HTML 7Page - NXP Semiconductors BTA201 Datasheet HTML 8Page - NXP Semiconductors BTA201 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BTA201_SER_B_E_ER_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 February 2008
3 of 12
NXP Semiconductors
BTA201 series B, E and ER
1 A Three-quadrant triacs high commutation
α = conduction angle
Fig 1.
Total power dissipation as a function of RMS on-state current; maximum values
f = 50 Hz
Fig 2.
Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values
IT(RMS) (A)
0
1.2
0.8
0.4
0.2
1.0
0.6
001aag957
0.5
1.0
1.5
Ptot
(W)
0
α
α
120
°
90
°
60
°
α = 180°
30
°
001aag959
8
4
12
16
ITSM
(A)
0
number of cycles (n)
1
103
102
10
ITSM
t
IT
Tj(init) = 25 °C max
T


Podobny numer części - BTA201

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA201 PHILIPS-BTA201 Datasheet
72Kb / 12P
   Triacs logic level
Rev. 02-13 January 2006
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201-600B PHILIPS-BTA201-600B Datasheet
72Kb / 12P
   Triacs logic level
Rev. 02-13 January 2006
BTA201-600B NXP-BTA201-600B Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
logo
WeEn Semiconductors
BTA201-600B WEEN-BTA201-600B Datasheet
267Kb / 13P
   3Q Hi-Com Triac
More results

Podobny opis - BTA201

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com