Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA202X-800E Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części BTA202X-800E
Szczegółowy opis  2 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA202X-800E Arkusz danych(HTML) 5 Page - NXP Semiconductors

  BTA202X-800E Datasheet HTML 1Page - NXP Semiconductors BTA202X-800E Datasheet HTML 2Page - NXP Semiconductors BTA202X-800E Datasheet HTML 3Page - NXP Semiconductors BTA202X-800E Datasheet HTML 4Page - NXP Semiconductors BTA202X-800E Datasheet HTML 5Page - NXP Semiconductors BTA202X-800E Datasheet HTML 6Page - NXP Semiconductors BTA202X-800E Datasheet HTML 7Page - NXP Semiconductors BTA202X-800E Datasheet HTML 8Page - NXP Semiconductors BTA202X-800E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BTA202X_SER_D_E_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2008
5 of 12
NXP Semiconductors
BTA202X series D and E
2 A Three-quadrant triacs high commutation
5.
Thermal characteristics
6.
Isolation characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-h)
thermal resistance from junction to
heatsink
bidirectional; see
Figure 6
-
-
5.5
K/W
Rth(j-a)
thermal resistance from junction to
ambient
in free air
-
55
-
K/W
Fig 6.
Transient thermal impedance from junction to heatsink as a function of pulse width
001aah553
tp (s)
10−5
110
10−1
10−2
10−4
10−3
1
10−1
10
Zth(j-h)
(K/W)
10−2
tp
P
t
Table 5.
Isolation limiting values and characteristics
Th = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage
from all three terminals to
external heatsink; f = 50 Hz to
60 Hz; sinusoidal waveform;
RH
≤ 65 %; clean and dust free
-
-
2500
V
Cisol
isolation capacitance
from pin 2 to external heatsink;
f=1MHz
-10
-
pF


Podobny numer części - BTA202X-800E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
BTA202X-800E WEEN-BTA202X-800E Datasheet
249Kb / 13P
   3Q Hi-Com Triac
More results

Podobny opis - BTA202X-800E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com